Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 23 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 19Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 20Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 23Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 24Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 25Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 26Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 180 page
background image
General Description
Functional Pin Description
General Release Specification
General Description
1.5.1 V
DD
and V
SS
Power is supplied to the MCU through V
DD and VSS. VDD is connected to
a regulated +5-volt supply and V
SS is connected to ground. These pins
are located close to each other for low electromagnetic interference
(EMI) emissions and optimal decoupling.
Very fast signal transitions occur on the MCU pins. The short rise and
fall times place very high short-duration current demands on the power
supply. To prevent noise problems, take special care to provide good
power supply bypassing at the MCU. Use bypass capacitors with good
high-frequency characteristics, and position them as close to the MCU
as possible. Bypassing requirements vary, depending on how heavily
the MCU pins are loaded.
1.5.2 OSC1 and OSC2
These pins provide control input for an on-chip clock oscillator circuit. A
crystal, a ceramic resonator, or an external signal to these pins provides
the system clock. The oscillator frequency is two times the internal bus
rate.
The OSC1 and OSC2 pins can accept:
•
A crystal as shown in Figure 1-4(a)
•
A ceramic resonator as shown in Figure 1-4(a)
•
An external clock signal as shown in Figure 1-4(b)
The frequency, f
OSC, of the oscillator or external clock source is divided
by two to produce the internal bus clock operating frequency, f
OP. The
oscillator cannot be turned off by software if the stop disable option is
enabled via mask option.
1.5.2.1 Crystal
The circuit in Figure 1-4(a) shows a typical oscillator circuit for an
AT-cut, parallel resonant crystal. Follow the crystal manufacturer’s
recommendations, as the crystal parameters determine the external
component values required to provide maximum stability and reliable
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com