Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 36 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 32Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 33Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 34Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 35Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 36Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 37Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 38Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 39Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 180 page
background image
Central Processing Unit
MC68HC705MC4 — Rev. 2.0
Central Processing Unit
3.3 Accumulator
The accumulator (A) is a general-purpose 8-bit register used to hold
operands and results of arithmetic calculations or data manipulations.
3.4 Index Register
The index register (X) is an 8-bit register used for the indexed
addressing value to create an effective address. The index register also
may be used as a temporary storage area.
3.5 Condition Code Register
The condition code register (CCR) is a 5-bit register in which four bits are
used to indicate the results of the instruction just executed, and the fifth
bit indicates whether interrupts are masked. These bits can be tested
individually by a program, and specific actions can be taken as a result
of their state. Each bit is explained in the following paragraphs.
H — Half Carry
This bit is set during ADD and ADC operations to indicate that a carry
occurred between bits 3 and 4.
I — Interrupt
When this bit is set, timer and external interrupts are masked
(disabled). If an interrupt occurs while this bit is set, the interrupt is
latched and processed as soon as the interrupt bit is cleared.
70
A
70
X
CCR
HIN
Z
C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com