Electronic Components Datasheet Search
  English  ▼

X  

HC705MC4GRS/D Datasheet(PDF) 91 Page - NXP Semiconductors

Part # HC705MC4GRS/D
Description  General Release Specification
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705MC4GRS/D Datasheet(HTML) 91 Page - NXP Semiconductors

Back Button HC705MC4GRS/D Datasheet HTML 87Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 88Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 89Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 90Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 91Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 92Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 93Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 94Page - NXP Semiconductors HC705MC4GRS/D Datasheet HTML 95Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 180 page
background image
16-Bit Timer
Timer Control Register
General Release Specification
16-Bit Timer
TCMP/TCAP1
Bit 3, when set, enables the TCMP function, when clear, the TCAP1
function. Reset clears this bit. When set it enables the TCMP output
latch value to be output to the port pin and disables the edge detect
of TCAP1. When clear, it disables the TCMP output latch from the port
pin and enables the edge detect of TCAP1. Note that this bit has no
effect on the setting of OCF and ICF1.
NOTE:
The input capture 1 and the output compare functions share the same
data register and are, therefore, mutually exclusive. For example, the
output compare function is not available (including interrupts) when input
capture 1 is enabled.
IEDG1 — Input Capture Edge Select 1
Bit 2 selects which edge of the input capture signal will trigger a
transfer of the contents of the free-running counter registers to the
input capture registers (ICRH1, ICRL1). Clearing this bit will select the
falling edge, setting it selects the rising edge.
IEDG2 — Input Capture Edge Select 2
Bit 1 selects which edge of the input capture signal will trigger a
transfer of the contents of the free-running counter registers to the
input capture registers (ICRH2, ICRL2). Clearing this bit will select the
falling edge, setting it selects the rising edge.
OLVL — Output compare Output level Select
Bit 0 selects the output level (high or low) that is clocked into the
output compare output latch at the next successful output compare.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com