Electronic Components Datasheet Search
  English  ▼

X  

INDT331B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # INDT331B
Description  Long Distance Digital Display Link Transmitter & Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT331B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button INDT331B Datasheet HTML 6Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 7Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 8Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 9Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 10Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 11Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 12Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 13Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
Preliminary Data Sheet
INDT/R166B
INDT/R331B
Date: 2005-03-14 Revision: 0.1
Page 10 of 40
1.3.6 Sideband Interface Signals
Sideband
Signal
Dir
Description
SB0
SB0_CLK
OUT
Sideband Data Channel 0 Upstream Synchronous Clock Output. Data
is provided aligned to rising edge.
SB0
SB0_D[3:0]
OUT
Sideband Data Channel 0 Upstream Output
SB1
SB1_CLK
OUT
Sideband Data Channel 1 Upstream Synchronous Clock Output. Data
is provided aligned to rising edge.
SB1
SB1_D[1:0]
OUT
Sideband Data Channel 1 Upstream Output
SB2
SB2_CLK
OUT
Sideband Data Channel 2 Downstream Synchronous Clock Output.
Data is registered at rising edge.
SB2
SB2_D[3:0]
IN
Sideband Data Channel 2 Downstream Input
SB3
SB3_CLKI
IN
Sideband Data Channel 3 Downstream Asynchronous Clock Input.
Data is registered at rising edge.
SB3
SB3_CLKO
OUT
Sideband Data Channel 3 Downstream Synchronous Clock Output.
Data is registered at rising edge.
SB3
SB3_D[1:0]
IN
Sideband Data Channel 3 Downstream Input
SB4
3
SB4_CLKI
IN
Sideband Data Channel 4 Downstream Asynchronous Clock Input.
Data is registered at rising edge.
SB4
3
SB4_CLKO
OUT
Sideband Data Channel 4 Downstream Synchronous Clock Output.
Data is registered at rising edge.
SB4
3
SB4_D[1:0]
IN
Sideband Data Channel 4 Downstream Input.
Table 1.7: Sideband Interface Signals (INDT, Transmitter)
Sideband
Signal
Dir
Description
SB0
SB0_CLK
OUT
Sideband Data Channel 0 Upstream Synchronous Clock Output. Data
is registered at rising edge.
SB0
SB0_D[3:0]
IN
Sideband Data Channel 0 Upstream Input
SB1
SB1_CLKI
IN
Sideband Data Channel 1 Upstream Asynchronous Clock Input. Data
is registered at rising edge.
SB1
SB1_CLKO
OUT
Sideband Data Channel 1 Upstream Synchronous Clock Output. Data
is registered at rising edge.
SB1
SB1_D[1:0]
IN
Sideband Data Channel 1 Upstream Input
SB2
SB2_CLK
OUT
Sideband Data Channel 2 Downstream Synchronous Clock Output.
Data is provided aligned to rising edge.
SB2
SB2_D[3:0]
OUT
Sideband Data Channel 2 Downstream Output
SB3
SB3_CLK
OUT
Sideband Data Channel 3 Downstream Synchronous Clock Output.
Data is provided aligned to rising edge.
SB3
SB3_D[1:0]
OUT
Sideband Data Channel 3 Downstream Output
SB4
3
SB4_CLK
OUT
Sideband Data Channel 4 Downstream Synchronous Clock Output.
Data is provided aligned to rising edge.
SB4
3
SB4_D[1:0]
OUT
Sideband Data Channel 4 Downstream Output.
Table 1.8: Sideband Interface Signals (INDR, Receiver)
3 Sideband Data Channel 4 (SB4) only available with INDT/R330B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com