Electronic Components Datasheet Search
  English  ▼

X  

INDT331B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # INDT331B
Description  Long Distance Digital Display Link Transmitter & Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT331B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button INDT331B Datasheet HTML 3Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 4Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 5Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 6Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 7Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 8Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 9Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 10Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Preliminary Data Sheet
INDT/R166B
INDT/R331B
Date: 2005-03-14 Revision: 0.1
Page 7 of 40
1.2.4 Pixel Data I/O Color Bit Mapping
The color bits are mapped to the parallel I/Os as a function of the selected pixel clock (R = Red, G = Green, B = Blue, O = Odd,
E = Even).
Full Pixel
Double Pixel
Data
18-bit Mode
24-bit Mode
36-bit Mode
48-bit Mode
PX_D47
–
–
RO[5]
RO[7]
PX_D46
–
–
RO[4]
RO[6]
PX_D45
–
–
RO[3]
RO[5]
PX_D44
–
–
RO[2]
RO[4]
PX_D43
–
–
RO[1]
RO[3]
PX_D42
–
–
RO[0]
RO[2]
PX_D41
–
–
–
RO[1]
PX_D40
–
–
–
RO[0]
PX_D39
–
–
GO[5]
GO[7]
PX_D38
–
–
GO[4]
GO[6]
PX_D37
–
–
GO[3]
GO[5]
PX_D36
–
–
GO[2]
GO[4]
PX_D35
–
–
GO[1]
GO[3]
PX_D34
–
–
GO[0]
GO[2]
PX_D33
–
–
–
GO[1]
PX_D32
–
–
–
GO[0]
PX_D31
–
–
BO[5]
BO[7]
PX_D30
–
–
BO[4]
BO[6]
PX_D29
–
–
BO[3]
BO[5]
PX_D28
–
–
BO[2]
BO[4]
PX_D27
–
–
BO[1]
BO[3]
PX_D26
–
–
BO[0]
BO[2]
PX_D25
–
–
–
BO[1]
PX_D24
–
–
–
BO[0]
PX_D23
R[5]
R[7]
RE[5]
RE[7]
PX_D22
R[4]
R[6]
RE[4]
RE[6]
PX_D21
R[3]
R[5]
RE[3]
RE[5]
PX_D20
R[2]
R[4]
RE[2]
RE[4]
PX_D19
R[1]
R[3]
RE[1]
RE[3]
PX_D18
R[0]
R[2]
RE[0]
RE[2]
PX_D17
–
R[1]
–
RE[1]
PX_D16
–
R[0]
–
RE[0]
PX_D15
G[5]
G[7]
GE[5]
GE[7]
PX_D14
G[4]
G[6]
GE[4]
GE[6]
PX_D13
G[3]
G[5]
GE[3]
GE[5]
PX_D12
G[2]
G[4]
GE[2]
GE[4]
PX_D11
G[1]
G[3]
GE[1]
GE[3]
PX_D10
G[0]
G[2]
GE[0]
GE[2]
PX_D9
–
G[1]
–
GE[1]
PX_D8
–
G[0]
–
GE[0]
PX_D7
B[5]
B[7]
BE[5]
BE[7]
PX_D6
B[4]
B[6]
BE[4]
BE[6]
PX_D5
B[3]
B[5]
BE[3]
BE[5]
PX_D4
B[2]
B[4]
BE[2]
BE[4]
PX_D3
B[1]
B[3]
BE[1]
BE[3]
PX_D2
B[0]
B[2]
BE[0]
BE[2]
PX_D1
–
B[1]
–
BE[1]
PX_D0
–
B[0]
–
BE[0]
Table 1.5: Pixel Interface Bit Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com