Electronic Components Datasheet Search
  English  ▼

X  

INDT331B Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # INDT331B
Description  Long Distance Digital Display Link Transmitter & Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT331B Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button INDT331B Datasheet HTML 13Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 14Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 15Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 16Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 17Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 18Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 19Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 20Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Preliminary Data Sheet
INDT/R166B
INDT/R331B
Date: 2005-03-14 Revision: 0.1
Page 17 of 40
3.1.3 Serial Transmission Cable Termination
Besides the AC coupling capacitors, a dedicated cable termination has to be provided on the receiver input (Figure 3.2).
The termination values have to be matched for the type of cable and length.
3.1.4 Receiver Equalizer
The equalizer inside the receiver device compensates the frequency-dependant cable attenuation. For cable lengths
5
above 10m, it is recommended to activate the equalizer function (pin EQ = HIGH) to achieve optimum transmission
performance.
3.1.5 Reference Clock
The internal data clock frequency is 1320 MHz and is generated by internal PLLs. Both, transmitter and receiver require an
external clock oscillator or reference clock of 66.0 MHz with a stability of ± 100 ppm. To enable the INDT/R166 supporting
VESA Standard XGA24, the clock frequency must be 66.6667 MHz. However, the use of 66.6667 MHz clock frequency
disables the transmission of audio data of 44.1 kHz sampling frequency. Transmission of audio data of 48 kHz sampling
frequency is still possible as long as there is sufficient bandwidth left.
3.1.6 VREF Reference Circuitry
The VREF-pin at the transmitter device has two modes to set the threshold level at the input pixel interface. For standard
3.3 V LVTTL input level, it must be tied to VCC (3.3 V). For low swing voltage levels (VDD = 1.0 – 2.0 V), VREF must be tied
to half the supply voltage (VDD/2 = 0.5 – 1.0 V) of the driver (graphics controller). Figure 3.3 shows the input thresholds at
different VREF levels:
Voltage [V]
0
0.5
1
1.5
2.5
3.0
3.3
L
0.8
2.0
H
L
2
H
LVTTL
VREF = 3.3 V
Low Voltage Swing
0.5 < VREF < 1.0 V
VREFMIN
+ 0.1
- 0.1
VREF MAX
+ 0.1
- 0.1
LH
Figure 3.3: VREF Reference Circuitry
3.2 Power Supply
Each GigaSTaRDigital Display Link chip consists of a separate Bipolar and CMOS die. Therefore, the device provides
multiple power planes to minimize EMI. It is suggested to use an own 3.3 V regulator
6 for the whole chip to implement
optimal decoupling of the power supply lines. Table 3.3 shows the current consumption of the devices.
Device
Die
Typical
7 Current
Consumption [mA]
CMOS
400
INDT/R166B
Bipolar
230
CMOS
400
INDT/R331B
Bipolar
540
Table 3.3: Current Consumption
5 Refers to the GORE reference cable GGSC1608-X, other cable types may differ.
6 Do not use two separate regulators to avoid chip damage due to latch-up.
7 Depending on video operating modes and external circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com