Electronic Components Datasheet Search
  English  ▼

X  

INDT331B Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # INDT331B
Description  Long Distance Digital Display Link Transmitter & Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT331B Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button INDT331B Datasheet HTML 32Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 33Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 34Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 35Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 36Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 37Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 38Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 39Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Preliminary Data Sheet
INDT/R166B
INDT/R331B
Date: 2005-03-14 Revision: 0.1
Page 39 of 40
6.2 INDT/R331B
Figure 6.3: Package: BGA 324, 19 x 19 mm, 324 balls, 1 mm ball pitch
Dim
Min
Nom
Max
A–
2.0
A1
0.4
0.6
A2
0.38 Ref
A3
1.0 Ref
b
0.55
0.7
D
19 BSC
E
19 BSC
e
1.0 BSC
D1
17 BSC
E1
17 BSC
All dimensions and tolerances in mm!
Figure 6.4: BGA 324 – Dimensions and Tolerances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com