Electronic Components Datasheet Search
  English  ▼

X  

INDT331B Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # INDT331B
Description  Long Distance Digital Display Link Transmitter & Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT331B Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button INDT331B Datasheet HTML 20Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 21Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 22Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 23Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 24Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 25Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 26Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 27Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
Preliminary Data Sheet
INDT/R166B
INDT/R331B
Date: 2005-03-14 Revision: 0.1
Page 24 of 40
(d) Receiver sideband interface
SB2_CLK
SB2_D[3:0]
t29
t30
t32
t31
Figure 3.12: Rx Sideband Data Interface; Low Speed Downstream
Parameter
Description
Min.
Typ.
Max.
Unit
t29
Low speed downstream sideband data setup time to clock output at Rx
478
484
490
ns
t30
Low speed downstream sideband data hold time to clock output at Rx
450
455
460
ns
t31
Low speed downstream sideband data clock high time at Rx
450
454
458
ns
t32
Low speed downstream sideband data clock low time at Rx
480
484
490
ns
Table 3.18: Rx Sideband Data Interface; Low Speed Downstream
SB3_CLK
SB3_D[1:0]
t33
t34
t36
t35
Figure 3.13: Rx Sideband Data Interface; High Speed Downstream
Parameter
Description
Min.
Typ.
Max.
Unit
t33
High speed downstream sideband data setup time to clock output at Rx
5,5
6.0
6,4
ns
t34
High speed downstream sideband data hold time to clock output at Rx
7,2
7,5
8,4
ns
t35
High speed downstream sideband data clock high time at Rx
9,8
10.6
11,1
ns
t36
High speed downstream sideband data clock low time at Rx
5,5
6.4
6,8
ns
Table 3.19: Rx Sideband Data Interface; High Speed Downstream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com