Electronic Components Datasheet Search
  English  ▼

X  

INDT331B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # INDT331B
Description  Long Distance Digital Display Link Transmitter & Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT331B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button INDT331B Datasheet HTML 7Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 8Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 9Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 10Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 11Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 12Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 13Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 14Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Preliminary Data Sheet
INDT/R166B
INDT/R331B
Date: 2005-03-14 Revision: 0.1
Page 11 of 40
1.4 Audio Interface
The audio interface provides four serial audio channels, which are compliant to the Standard IEC958 Digital audio interface
from the EBU (European Broadcasting Union), also known as S/P-DIF Interface. It supports sampling frequencies of 44,1
kHz and 48,0 kHz. The audio data interface can be disabled to free up bandwidth for pixel data transmission.
Figure 1.7: Audio Interface
Signal
Tx
Rx
Description
AI_C0
IN
OUT S/P-DIF Audio Channel 0
AI_C1
IN
OUT S/P-DIF Audio Channel 1
AI_C2
IN
OUT S/P-DIF Audio Channel 2
AI_C3
IN
OUT S/P-DIF Audio Channel 3
Table 1.9: Audio Interface Signals
INDR
Reveiver
Audio
S/P DIF
AI_C1
AI_C0
AI_C2
AI_C3
AI_C1
AI_C0
AI_C2
AI_C3
Audio
S/P DIF
Downstream
INDT
Transmitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com