Electronic Components Datasheet Search
  English  ▼

X  

INDT331B Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # INDT331B
Description  Long Distance Digital Display Link Transmitter & Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT331B Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button INDT331B Datasheet HTML 18Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 19Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 20Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 21Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 22Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 23Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 24Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 25Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Preliminary Data Sheet
INDT/R166B
INDT/R331B
Date: 2005-03-14 Revision: 0.1
Page 22 of 40
(c) Transmitter sideband interface
SB2_CLK
SB2_D[3:0]
t11
t12
t14
t13
Figure 3.8: Tx Sideband Data Interface; Low Speed Downstream
Parameter
Description
Min.
Typ.
Max.
Unit
t11
Low speed downstream sideband data setup time to clock output at Tx
40
200
-
ns
t12
Low speed downstream sideband data hold time to clock output at Tx
0
100
-
ns
t13
Low speed downstream sideband data clock high time at Tx
29,3
30
31,7
ns
t14
Low speed downstream sideband data clock low time at Tx
900
909
916
ns
Table 3.14: Tx Sideband Data Interface; Low Speed Downstream
SB3_CLKO
SB3_D[1:0]
SB3_CLKI
t15
t18
t16
t19
t20
t17
Figure 3.9: Tx Sideband Data Interface; High Speed Downstream
Parameter
Description
Min.
Typ.
Max.
Unit
t15
High speed downstream sideband data setup time to clock output (synchronous
mode) at Tx
6
8.6
-
ns
t16
High speed downstream sideband data hold time to clock output (synchronous
mode) at Tx
0
2.0
-
ns
t17
High speed downstream sideband data setup time to clock input (asynchronous
mode) at Tx
2
6.0
-
ns
t18
High speed downstream sideband data hold time to clock input (asynchronous
mode) at Tx
2
1.0
-
ns
t19
High speed downstream sideband data clock output high time at Tx
6,1
6.3
6,5
ns
t20
High speed downstream sideband data clock output low time
8,6
9.5
10,1
ns
Table 3.15: Tx Sideband Data Interface; High Speed Downstream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com