Electronic Components Datasheet Search
  English  ▼

X  

INDT331B Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # INDT331B
Description  Long Distance Digital Display Link Transmitter & Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT331B Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button INDT331B Datasheet HTML 14Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 15Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 16Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 17Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 18Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 19Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 20Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 21Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Preliminary Data Sheet
INDT/R166B
INDT/R331B
Date: 2005-03-14 Revision: 0.1
Page 18 of 40
Table 3.4 shows, which planes can be tied together.
Pin Name
Type
Description
VCC Plane No.
GND Plane No.
VCC_CORE
POWER
GND_CORE
GROUND
CMOS core supply
1A
1B
VCC_IO
POWER
GND_IO
GROUND
CMOS digital I/O
supply
1A
1B
VCC_CML
POWER
GND_CML
GROUND
CMOS chip-to-chip
interface supply
2A
2B
VCC_SX
POWER
GND_SX
GROUND
CMOS uplink I/O
supply
4A (1A)
8
4B (1B)
VCC_IA
POWER
GND_IA
GROUND
Bipolar Chip-to-chip
interface supply
2A
2B
VCC_A0
POWER
GND_A0
GROUND
Bipolar downlink I/O
supply
3A
3B
VCC_A1
POWER
GND_A1
GROUND
Bipolar PLL supply
3A
3B
Table 3.4: Power Supply Planes
3.3 Absolute Maximum Ratings
The absolute maximum ratings define values beyond which damage may occur to the device. Inova Semiconductors may
not be held liable for any product degradation or damage caused by a violation of the absolute maximum ratings. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability. Functional operation of the device
at these or any other conditions above those indicated in the recommended operating conditions is not guaranteed.
Parameter
Symbol
Min.
Max.
Units
Note
DC Supply Voltage
VCC
-0.5
+4.2
V
See keynote (6)
Input Voltage
VIN
-0.5
VCC+0.5
V
I/O Current (DC or transient any pin)
ID
-20
+20
mA
See keynote (6)
Junction Temperature (under bias)
Tj
-45
+140
° C
Storage Temperature
Tstg
-55
+150
° C
Soldering Temp./Time
TSLD / tSLD
220 / 10
° C / sec
Static Discharge Voltage
VESD1
± 2000
V
Human Body Model
Table 3.5: Absolute Maximum Ratings
3.4 Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
DC Supply Voltage
VCC
+3.15
+3.45
V
Vcc typ. = 3.3 V
Input Voltage
VIN
0
Vcc
V
VCC =3.3V
± 0.15V
CML Output Current
IOUTCML
-10
+10
mA
CMOS Output Current
IOUTCMOS
-10
+10
mA
Junction Temperature (under bias)
Tj
0
+125
° C
Ambient Temperature
Ta
-40
+85
° C
Table 3.6: Recommended Operating Conditions
8 Plane #4 may be connected to plane #1, if this plane is adequately noise-free.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com