Electronic Components Datasheet Search
  English  ▼

X  

INDT331B Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # INDT331B
Description  Long Distance Digital Display Link Transmitter & Receiver
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

INDT331B Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button INDT331B Datasheet HTML 27Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 28Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 29Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 30Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 31Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 32Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 33Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 34Page - List of Unclassifed Manufacturers INDT331B Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Preliminary Data Sheet
INDT/R166B
INDT/R331B
Date: 2005-03-14 Revision: 0.1
Page 31 of 40
Pin Name
Pin
Dir
Type
Description
Power Supply
VCC_CORE
G3,G4,G9,G12,H4,J4,J8,J12,J15,J16,J17,L6,L10,L14,N2,N3,N4,N8,
N12,R6,R10,R14,T6,T10,T14
IN
POWER
GND_CORE
F2,G7,G13,G14,H6,H10,H14,J2,J3,K2,K4,K8,K12,K15,K16,K17,L2,
M6,M10,M14,P4,P8,P12,P15,P16,T3,T4
IN
GROUND
CMOS core supply
VCC_IO
G2,G5,G8,G10,G11,G15,G16,H2,H3,H7,H8,H11,H12,H15,H16,J7,
J11,K5,K6,K9,K10,K13,K14,L5,L9,L13,M2,M3,M4,M7,M8,M11,M12,
M15,M16,M17,N7,N11,N15,N16,P5,P6,P9,P10,P13,P14,R5,R9,
R13,T5,T9,T13
IN
POWER
GND_IO
A1,B16,B17,C16,D9,D16,E2,E3,E9,E15,E16,F3,F8,F9,F10,F15,F16,
G6,H5,H9,H13,J5,J6,J9,J10,J13,J14,K3,K7,K11,L3,L4,L7,L8,L11,
L12,L15,L16,L17,M5,M9,M13,N5,N6,N9,N10,N13,N14,P3,P7,P11,
R3,R4,R7,R8,R11,R12,R15,R16,T2,T7,T8,T11,T12,T15,T16,U2
IN
GROUND
CMOS digital I/O
supply
VCC_CML
F4,F5,F11,F12
IN
POWER
GND_CML
F6,F7,F13,F14
IN
GROUND
CMOS chip-to-chip
interface supply
VCC_SX
B9
IN
POWER
GND_SX
C9
IN
GROUND
CMOS uplink I/O
supply
VCC_IA
E6,E8,E12,E14
IN
POWER
GND_IA
E5,E7,E11,E13
IN
GROUND
Bipolar Chip-to-chip
interface supply
VCC_A0
A4,A7,A11,A14,C3,C4,C8,C10,C11,C15,D3,D8,D10,D15
IN
POWER
GND_A0
A5,A6,A12,A13,B4,B7,B11,B14,C5,C6,C7,C12,C13,C14,E4,E10
IN
GROUND
Bipolar downlink I/O
supply
VCC_A1
D6,D7,D13,D14
IN
POWER
GND_A1
D4,D5,D11,D12
IN
GROUND
Bipolar PLL supply
Table 4.8: INDT331B Transmitter Power Supply
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
Pin Name
Pin
PX_D47
T17
PX_D35
U13
PX_D23
U7
PX_D11
T1
PX_D46
U18
PX_D34
V12
PX_D22
V6
PX_D10
R1
PX_D45
U17
PX_D33
U12
PX_D21
U6
PX_D9
R2
PX_D44
V18
PX_D32
V11
PX_D20
V5
PX_D8
P1
PX_D43
V17
PX_D31
U11
PX_D19
U5
PX_D7
P2
PX_D42
V16
PX_D30
V10
PX_D18
V4
PX_D6
N1
PX_D41
U16
PX_D29
U10
PX_D17
U4
PX_D5
M1
PX_D40
V15
PX_D28
V9
PX_D16
V3
PX_D4
L1
PX_D39
U15
PX_D27
U9
PX_D15
U3
PX_D3
K1
PX_D38
V14
PX_D26
V8
PX_D14
V2
PX_D2
J1
PX_D37
U14
PX_D25
U8
PX_D13
V1
PX_D1
H1
PX_D36
V13
PX_D24
V7
PX_D12
U1
PX_D0
G1
Table 4.9: INDT331B Transmitter Pixel Data Pin Numbers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com