Electronic Components Datasheet Search
  English  ▼

X  

DS3182 Datasheet(PDF) 79 Page - Maxim Integrated Products

Part # DS3182
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3182 Datasheet(HTML) 79 Page - Maxim Integrated Products

Back Button DS3182 Datasheet HTML 75Page - Maxim Integrated Products DS3182 Datasheet HTML 76Page - Maxim Integrated Products DS3182 Datasheet HTML 77Page - Maxim Integrated Products DS3182 Datasheet HTML 78Page - Maxim Integrated Products DS3182 Datasheet HTML 79Page - Maxim Integrated Products DS3182 Datasheet HTML 80Page - Maxim Integrated Products DS3182 Datasheet HTML 81Page - Maxim Integrated Products DS3182 Datasheet HTML 82Page - Maxim Integrated Products DS3182 Datasheet HTML 83Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 389 page
background image
DS3181/DS3182/DS3183/DS3184
79 of 38
9
8.3.5.2
UTOPIA Level 3 Functional Timing
Figure 8-30 shows a multiport transmit-interface multiple cell transfer to different PHY devices. PHY port '1', ‘3’, ‘4’
indicate to the ATM device that they can accept cell data by asserting the TDXA[n]. On clock edge 2, the ATM
device selects PHY port '1' by putting address ‘00h’ on the address bus. On clock edge 5, the ATM device starts a
cell transfer to PHY port '1' by asserting
TEN, placing the first byte of cell data on TDATA, and asserting TSOX to
indicate the transfer of the first byte of the cell. On clock edge 6, the ATM device deasserts TSOX as it continues to
place additional bytes of the cell on TDATA. On clock edge 13, PHY port ‘2’ asserts TDXA[2] to indicate it is ready
to accept a cell. On clock edge 15, PHY port ‘1’ deasserts TDXA[1] to indicate to the ATM device that it does not
have the availability to receive another complete cell. On clock edge 16, the ATM device selects PHY port '2' by
deasserting
TEN and placing PHY port '2's address on TADR. On clock edge 17, the ATM device starts the transfer
of a cell to PHY port '2' by asserting
TEN, placing the first byte of cell data on TDATA, and asserting TSOX to
indicate the transfer of the first byte of the cell. On clock edge 18, the ATM device deasserts TSOX as it continues
to place additional bytes of the cell on TDATA.
Figure 8-30. UTOPIA Level 3 Transmit Multiple Cell Transfer Direct Mode
TADR
1
TEN
TDATA
TSOX
19
20
…
TSCLK
H3
P43
P44
P45
P46
P47
P48
P42
H1
H2
01h
00h
Transfer
Cell To:
PORT 1
H2
H3
H4
PORT 2
H1
23
45
7
6
8
10
11
12
13
14
15
16
17
18
9
TDXA[1]
TDXA[2]
TDXA[3]
TDXA[4]
Figure 8-31 shows a multiport transmit-interface multiple cell transfer to different PHY devices. On clock edge 1,
the ATM device polls PHY port 'N'. On clock edge 3, PHY port 'N' indicates to the ATM device that it can accept cell
data by asserting TPXA. On clock edge 5, the ATM device selects PHY port 'N'. On clock edge 6, the ATM device
starts a cell transfer to PHY port 'N' by asserting
TEN, placing the first byte of cell data on TDATA, and asserting
TSOX to indicate the transfer of the first byte of the cell. On clock edge 7, the ATM device deasserts TSOX as it
continues to place additional bytes of the cell on TDATA. On clock edge 11, the ATM device polls PHY port 'M'. On
clock edge 12, the ATM device polls PHY port 'N'. On clock edge 13, PHY port 'M' indicates that it can accept the
transfer of a complete cell. On clock edge 14, PHY port 'N' indicates that it cannot accept the transfer of a complete
cell. On clock edge 16, the ATM device deselects PHY port 'N' and selects PHY port 'M' by deasserting
TEN and
placing PHY port 'M's address on TADR. On clock edge 17, the ATM device starts the transfer of a cell to PHY port
'M' by asserting
TEN, placing the first byte of cell data on TDATA, and asserting TSOX to indicate the transfer of
the first byte of the cell. On clock edge 18, the ATM device deasserts TSOX as it continues to place additional
bytes of the cell on TDATA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com