Electronic Components Datasheet Search
  English  ▼

X  

DS3182 Datasheet(PDF) 97 Page - Maxim Integrated Products

Part # DS3182
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3182 Datasheet(HTML) 97 Page - Maxim Integrated Products

Back Button DS3182 Datasheet HTML 93Page - Maxim Integrated Products DS3182 Datasheet HTML 94Page - Maxim Integrated Products DS3182 Datasheet HTML 95Page - Maxim Integrated Products DS3182 Datasheet HTML 96Page - Maxim Integrated Products DS3182 Datasheet HTML 97Page - Maxim Integrated Products DS3182 Datasheet HTML 98Page - Maxim Integrated Products DS3182 Datasheet HTML 99Page - Maxim Integrated Products DS3182 Datasheet HTML 100Page - Maxim Integrated Products DS3182 Datasheet HTML 101Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 389 page
background image
DS3181/DS3182/DS3183/DS3184
97 of 38
9
10 FUNCTIONAL DESCRIPTION
10.1 Processor Bus Interface
10.1.1 8/16-Bit Bus Widths
The external processor bus can be sized for 8 or 16 bits using the WIDTH pin. When in 8-bit mode (WIDTH=0), the
address is composed of all the address bits including A[0], the lower 8 data lines D[7:0] are used and the upper 8
data lines D[15:8] are not used and never driven during a read cycle. When in 16-bit mode (WIDTH=1), the
address bus does not include A[0] (the LSB of the address bus is not routed to the chip) and all 16 data lines
D[15:0] are used. See Figure 8-40 and Figure 8-42 for functional timing diagrams.
10.1.2 Ready Signal (
RDY)
The
RDY signal allows the microprocessor to use the minimum bus cycle period for maximum efficiency. When
this signal goes low, the
RD or WR cycle can be terminated. See Figure 8-48 for functional timing diagrams.
NOTE: The
RDY signal will not go active if the user attempts to read or write unused ports or unused registers not
assigned to any design blocks. The
RDY signal will go active if the user writes or reads reserved registers or
unused registers within design blocks.
10.1.3 Byte Swap Modes
The processor interface can operate in byte swap mode when the data bus is configured for 16-bit operation. The
A[0]/BSWAP pin is used to determine whether byte swapping is enabled. This pin should be static and not change
while operating. When the A[0]/BSWAP pin is low the upper register bits REG[15:8] are mapped to the upper
external data bus lines D[15:8], and the lower register bits REG[7:0] are mapped to the lower external data bus
lines D[7:0]. When the A[0]/BSWAP pin is high the upper register bits REG[15:8] are mapped to the lower external
data bus lines D[7:0], and the lower register bits REG[7:0] are mapped to the upper external data bus lines D[15:8].
See Figure 8-44 and Figure 8-45 for functional timing diagrams.
10.1.4 Read-Write / Data Strobe Modes
The processor interface can operate in either read-write strobe mode or data strobe mode. When MODE=0 the
read-write strobe mode is enabled and a negative pulse on
RD performs a read cycle, and a negative pulse on WR
performs a write cycle. When MODE=1 the data strobe mode is enabled and a negative pulse on
DS when R/W is
high performs a read cycle, and a negative pulse on
DS when R/W is low performs a write cycle. The read-write
strobe mode is commonly called the “Intel” mode, and the data strobe mode is commonly called the “Motorola”
mode.
10.1.5 Clear on Read / Clear on Write Modes
The latched status register bits can be programmed to clear on a read access or clear on a write access. The
global control register bit GL.CR1.LSBCRE controls the mode that all of the latched registers are cleared. When
LSBCRE=0, the latched register bits will be cleared when the register is written to and the write data has the
register bits to clear set. When LSBCRE=1, the latched register bits that are set will be cleared when the register is
read.
The clear on write mode expects the user to use the following protocol:
1. Read the latched status register
2. Write to the registers with the bits set that need to be cleared.
This protocol is useful when multiple uncoordinated software tasks access the same latched register. Each task
should only clear the bits with which it is concerned; the other tasks will clear the bits with which they are
concerned.
The clear on read mode is simpler since the bits that were read as being set will be cleared automatically. This
method will work well in a software system where multiple tasks do not read the same latched status register. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com