Electronic Components Datasheet Search
  English  ▼

X  

DS3182 Datasheet(PDF) 46 Page - Maxim Integrated Products

Part # DS3182
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3182 Datasheet(HTML) 46 Page - Maxim Integrated Products

Back Button DS3182 Datasheet HTML 42Page - Maxim Integrated Products DS3182 Datasheet HTML 43Page - Maxim Integrated Products DS3182 Datasheet HTML 44Page - Maxim Integrated Products DS3182 Datasheet HTML 45Page - Maxim Integrated Products DS3182 Datasheet HTML 46Page - Maxim Integrated Products DS3182 Datasheet HTML 47Page - Maxim Integrated Products DS3182 Datasheet HTML 48Page - Maxim Integrated Products DS3182 Datasheet HTML 49Page - Maxim Integrated Products DS3182 Datasheet HTML 50Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 389 page
background image
DS3181/DS3182/DS3183/DS3184
46 of 38
9
NAME
TYPE
FUNCTION
PIN
MISC I/O
GPIO[8]
V2
GPIO[7]
V1
GPIO[6]
C2
GPIO[5]
C1
GPIO[4]
P5
GPIO[3]
R5
GPIO[2]
G5
GPIO[1]
IO
General-Purpose IO [8:1]
F5
TEST
I
Test Enable (Active Low)
M3
HIZ
I
High-Impedance Test Enable (Active Low)
R3
RST
I
Reset (Active Low)
B16
JTAG
JTCLK
I
JTAG Clock
F3
JTMS
Ipu
JTAG Mode Select (with Pullup)
F4
JTDI
Ipu
JTAG Data Input (with Pullup)
J3
JTDO
Oz
JTAG Data Output
G4
JTRST
Ipu
JTAG Reset (Active Low with Pullup)
E4
CLAD
CLKA
I
Clock A
K1
CLKB
IO
Clock B
L1
CLKC
IO
Clock C
L2
POWER
VSS
PWR
Ground, 0V Potential
K10, K9, K8, J10, J9, J8,
H10, H9, M7, M6, L7. L6,
K7. K6, J7, J6, A1, N10,
N9, M10, M9, M8, L10, L9,
L8, R12, R11, R10, R9,
P12, P11, P10, P9, Y1,
N12, N11, M13, M12, M11,
L13, L12, L11, M15, M14,
L15, L14, K15, K14, J15,
J14, Y20, K13, K12, K11,
J13, J12, J11, H12, H11,
G12, G11, G10, G9, F12,
F11, F10, F9, A20
VDD
PWR
Digital 3.3V
H8, H7, H6, G8, G7, G6,
F8, F7, F6, A2, R8, R7, R6,
P8, P7, P6, N8, N7, N6,
W1, R15, R14, R13, P15,
P14, P13, N15, N14, N13,
Y19, H15, H14, H13, G15,
G14, G13, F15, F14, F13,
B20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com