Electronic Components Datasheet Search
  English  ▼

X  

DS3182 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # DS3182
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3182 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button DS3182 Datasheet HTML 18Page - Maxim Integrated Products DS3182 Datasheet HTML 19Page - Maxim Integrated Products DS3182 Datasheet HTML 20Page - Maxim Integrated Products DS3182 Datasheet HTML 21Page - Maxim Integrated Products DS3182 Datasheet HTML 22Page - Maxim Integrated Products DS3182 Datasheet HTML 23Page - Maxim Integrated Products DS3182 Datasheet HTML 24Page - Maxim Integrated Products DS3182 Datasheet HTML 25Page - Maxim Integrated Products DS3182 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 389 page
background image
DS3181/DS3182/DS3183/DS3184
22 of 38
9
·
Subrate operation for each channel is totally independent from the other channels’ operation, i.e. all subrate
functions within the device are mutually exclusive
·
Three distinct subrate algorithms:
·
(FFRAC) Externally controlled with DS3 or E3 payload manipulating capability
·
(XFRAC) Externally controlled with flexible DS3 or E3 data rate reduction capability
·
(IFRAC) Internally controlled with simple DS3 or E3 data rate reduction capability
·
Subrate algorithm selection is on per-port basis
·
Internal subrate mechanism allows down to bit-level granularity of the DS3 or E3 payload
3.25 Test Features
·
Five pin JTAG port
·
All functional pins are in/out pins in JTAG mode
·
Standard JTAG instructions: SAMPLE/PRELOAD, BYPASS, EXTEST, CLAMP, HIGHZ, IDCODE
·
RAM BIST on all internal RAM
·
High-Z pin to force all digital output and in/out pins into HIZ
·
TEST pin for manufacturing scan test modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com