Electronic Components Datasheet Search
  English  ▼

X  

DS3182 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # DS3182
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3182 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button DS3182 Datasheet HTML 38Page - Maxim Integrated Products DS3182 Datasheet HTML 39Page - Maxim Integrated Products DS3182 Datasheet HTML 40Page - Maxim Integrated Products DS3182 Datasheet HTML 41Page - Maxim Integrated Products DS3182 Datasheet HTML 42Page - Maxim Integrated Products DS3182 Datasheet HTML 43Page - Maxim Integrated Products DS3182 Datasheet HTML 44Page - Maxim Integrated Products DS3182 Datasheet HTML 45Page - Maxim Integrated Products DS3182 Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 389 page
background image
DS3181/DS3182/DS3183/DS3184
42 of 38
9
8 PIN DESCRIPTIONS
Note: In JTAG mode, all digital pins are bidirectional to increase the effectiveness of board-level ATPG patterns for
isolation of interconnect failures.
8.1 Short Pin Descriptions
Table 8-1. DS3184 Short Pin Descriptions
n = 1,2,3,4 (port number). Ipu (input with pullup), Oz (output tri-stateable), (needs an external pullup or pulldown resistor to keep from floating),
Oa (analog output), Ia (analog input), IO (bidirectional in/out). All unused input pins without pullup should be tied low.
PIN
NAME
TYPE
FUNCTION
PORT
4
PORT
3
PORT
2
PORT
1
LINE IO
TLCLKn
O
Transmit Line Clock Output
V11
C11
Y8
A8
TPOSn / TDATn
O
Transmit Positive AMI / Data
V14
C14
V4
C4
TNEGn / TOHMOn
O
Transmit Negative AMI / Line OH Mask
W14
B14
U4
D4
TXPn
Oa
Transmit Positive Analog
W6
B6
M2
J2
TXNn
Oa
Transmit Negative Analog
Y6
A6
M1
J1
RLCLKn
I
Receive Clock Input
Y12
A12
W8
B8
RXPn
Ia
Receive Positive Analog
W5
B5
R2
F2
RXNn
Ia
Receive Negative Analog
Y5
A5
R1
F1
RPOSn / RDATn
I
Positive AMI / Data
W15
B15
Y3
A3
RNEGn / RLCVn /
ROHMIn
I
Negative AMI / Line Code Violation / Line OH
Mask Output
Y15
A15
W3
B3
DS3/E3 OVERHEAD INTERFACE
TOHn
I
Transmit Overhead
U11
D11
U8
D8
TOHENn
I
Transmit Overhead Enable
T14
E14
T5
E5
TOHCLKn
O
Transmit Overhead Clock
T11
E11
V8
C8
TOHSOFn
O
Transmit Overhead Start Of Frame
T12
E12
V7
C7
ROHn
O
Receive Overhead
T10
E10
U10
D10
ROHCLKn
O
Receive Overhead Clock
T13
E13
U5
D5
ROHSOFn
O
Receive Overhead Start Of Frame
U14
D14
Y2
B2
DS3/E3 SERIAL DATA, PLCP AND FRACTIONAL DS3/E3 OVERHEAD INTERFACE
TCLKIn
I
Transmit Line Clock Input
Y14
A14
W4
B4
TSOFIn / TOHMIn
I
Transmit Start Of Frame Input / OH Mask Input
U12
D12
W7
B7
TSERn/ TPOHn /
TFOHn/
I
Transmit Serial Data / PLCP Overhead /
Fractional Overhead
V13
C13
T6
E6
TPDENIn /
TPOHENn /
TFOHENIn
I
Transmit Payload Data Enable Input / PLCP
Overhead Enable / Fractional OH Enable Input
U13
D13
V5
C5
TCLKOn / TGCLKn /
TPOHCLKn
O
Transmit Clock Output / Gapped Clock / PLCP
Overhead Clock
Y13
A13
U7
D7
TSOFOn / TDENn /
TPOHSOFn /
TFOHENOn
O
Transmit Framer Start Of Frame / Data Enable /
PLCP Overhead Start Of Frame / Fractional OH
Enable Output
V12
C12
Y7
A7
TPDENOn
O
Transmit Payload Data Enable Output
W10
B10
Y9
A9
TPDATn
O
Transmit Payload Data
V10
C10
W9
B9
RPDENIn /
RFOHENIn
I
Receive Payload Data Enable Input / Fractional
Overhead Enable Input
W13
B13
U6
D6
RPDATn
I
Receive Payload Data
Y10
A10
V9
C9
RSERn / RPOHn
O
Receive Serial Data / PLCP Overhead
W11
B11
T9
E9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com