Electronic Components Datasheet Search
  English  ▼

X  

DS3182 Datasheet(PDF) 84 Page - Maxim Integrated Products

Part # DS3182
Description  Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
PDF  389 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3182 Datasheet(HTML) 84 Page - Maxim Integrated Products

Back Button DS3182 Datasheet HTML 80Page - Maxim Integrated Products DS3182 Datasheet HTML 81Page - Maxim Integrated Products DS3182 Datasheet HTML 82Page - Maxim Integrated Products DS3182 Datasheet HTML 83Page - Maxim Integrated Products DS3182 Datasheet HTML 84Page - Maxim Integrated Products DS3182 Datasheet HTML 85Page - Maxim Integrated Products DS3182 Datasheet HTML 86Page - Maxim Integrated Products DS3182 Datasheet HTML 87Page - Maxim Integrated Products DS3182 Datasheet HTML 88Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 389 page
background image
DS3181/DS3182/DS3183/DS3184
84 of 38
9
Figure 8-36. POS-PHY Level 2 Transmit Multiple Packet Transfer to Different PHY Ports
(polled status mode)
TCLK
TADR
TPXA
1F
1F
N
1F
1F
O
1F
M
1F
M
1F
N
1F
O
1F
P
1F
L
N
…
M
N
NO
L
M
1
19
20
23
45
7
6
8
10
11
12
13
14
15
16
17
18
9
X
P5
X
X
P6
P7
P8
X
TEN
TSOX
TEOP
TERR
TDAT
Transfer
To PHY
P1
P2
P3
…
P62
P63
P64
X
P1
P2
P3
P4
N
M
N
O
P
TSPA
M
Figure 8-37 shows a multidevice receive interface in packet transfer mode multiple packet transfer. On clock edge
2, the POS device polls PHY port 'N'. On clock edge 3, PHY port 'N' indicates to the POS device that it has a block
of packet data or an end of packet ready for transfer by asserting RPXA. On clock edge 4, the POS device selects
PHY port 'N'. On clock edge 5, the POS device indicates to PHY port 'N' that it is ready to accept a block of packet
data by placing its address on RADR and asserting
REN. On clock edge 6, PHY port 'N' starts packet transfer by
asserting RVAL, placing the first byte of the packet on RDATA, and asserting RSOX to indicate that this is the first
transfer of the packet. On clock edge 7, PHY port 'N' deasserts RSOX as it leaves RVAL asserted and continues to
place additional bytes of the packet on RDATA. On clock edge 14, PHY port 'N' places the last byte of the packet
on RDATA, and asserts REOP to indicate that this is the last transfer of the packet. On clock edge 15, PHY port 'N'
deasserts RVAL and REOP ending the packet transfer process. On clock edge 16, the POS device deasserts
REN
and selects PHY port 'P'. On clock edge 17, PHY port 'N' tri-states its RVAL, RDATA, RSOX, REOP, and RERR
outputs and the POS device indicates to PHY port 'P' that it is ready to accept a block of packet data by placing its
address on RADR and asserting
REN. On clock edge 18, PHY port 'P' starts packet transfer by asserting RVAL,
placing the first byte of the packet on RDATA, and asserting RSOX to indicate that this is the first transfer of the
packet. On clock edge 19, PHY port 'P' deasserts RSOX as it leaves RVAL asserted and continues to place
additional bytes of the packet on RDATA. While this example shows a different PHY port ('P') being selected for the
next packet transfer, the timing is identical if the same PHY port ('N') is chosen for the next packet transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com