Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 369 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 369 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 365Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 366Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 367Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 368Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 369Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 370Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 371Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 372Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 373Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 369 / 590 page
background image
Chapter 11 Serial I/O Port
11-5
11.3.3
Serial Clock Generator
Generates the Serial Clock (SIOCLK). SIOCLK determines the serial transfer rate and has a
frequency that is 16
× the baud rate. One of the following can be selected as the source for the Serial
Clock (SIOCLK).
•
Internal System Clock (IMBUSCLKF)
•
External Clock Input (SCLK)
•
Baud rate generator circuit output
The IMBUSCLKF frequency can be selected from frequencies that are 1/5 the frequency of the CPU
clock. The maximum frequency tolerance of the external clock input (SCLK) is 45% the frequency of
IMBUSCLKF. For example, if IMBUSCLKF = 40 MHz, then set SCLK to 18 MHz or less.
The baud rate generator is a circuit that divides these clock signals according to the following
formula.
Baud Rate =
16
×
Divisor
×
Prescalar
fc
•
fc: Clock frequency of IMBUSCLKF or an external clock input (SCLK)
•
Prescalar Value: 2, 8, 32, 128
•
Divide Value: 1, 2, 3,…255
Table 11.3.1 shows example settings of divide values relative to representative baud rates.
Figure 11.3.2 Baud Rate Generator and SIOCLK Generator
It is possible to correctly receive data if the error of the baud rate set by this controller is within 3.12
% of the target baud rate (communication baud rate).
Selector
Selector
Prescalar
Selector
SCLK
IMBUSCLKFF
Divider
Select CLK
SIBGR. BCLK
Baud Rate Generator
Select SIOCLK
SILCR. SCS [1]
T6
T4
T2
T0
SIOCLK
fc
Baud Rate
Divide value
SIBGR. BRD
Select SIOCLK
SILCR. SCS [0]
1/2
1/8
1/32
1/128
1/1
− 1/255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com