Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 370 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 370 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 366Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 367Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 368Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 369Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 370Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 371Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 372Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 373Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 374Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 370 / 590 page
background image
Chapter 11 Serial I/O Port
11-6
Table 11.3.1 Example Divide Value Settings (and error [%] from target baud rate value)
Prescalar Value (SIBGR.BLCK) and Divide Value (SIBGR.BRD)
fc [MHz]
kbps
2
8
32
128
0.11
178 (
−0.25 %)
0.15
130 (
−0.16 %)
0.30
65 (0.16 %)
0.60
130 (0.16 %)
33 (
−1.36 %)
1.20
65 (0.16 %)
16 (1.73 %)
2.40
130 (
−0.16 %)
33 (
−1.36 %)
4.80
65 (0.16 %)
16 (1.73 %)
9.60
130 (0.16 %)
33 (
−1.36 %)
14.40
87 (
−0.22 %)
22 (
−1.36 %)
19.20
65 (0.16 %)
16 (1.73 %)
28.80
43 (0.94 %)
11 (
−1.36 %)
38.40
33 (
−1.36 %)
57.60
22 (
−1.36 %)
76.80
16 (1.73 %)
40
115.20
11 (
−1.36 %)
0.11
164 (
−0.22%)
0.15
120 (0.00%)
0.30
60 (0.00%)
0.60
120 (0.00%)
30 (0.00%)
1.20
60 (0.00%)
15 (0.00%)
2.40
120 (0.00%)
30 (0.00%)
4.80
80 (0.00%)
15 (0.00%)
9.60
120 (0.00%)
60 (0.00%)
14.40
80 (0.00%)
40 (0.00%)
5 (0.00%)
19.20
60 (0.00%)
30 (0.00%)
28.80
40 (0.00%)
20 (0.00%)
38.40
30 (0.00%)
57.60
20 (0.00%)
5 (0.00%)
76.80
15 (0.00%)
IMBUS
CLKF
36.864
115.20
10 (0.00%)
0.11
131 (
−0.07 %)
33 (
−0.83 %)
0.15
96 (0.00 %)
24 (0.00 %)
0.30
48 (0.00 %)
12 (0.00 %)
0.60
96 (0.00 %)
24 (0.00 %)
6 (0.00 %)
1.20
48 (0.00 %)
12 (0.00 %)
3 (0.00 %)
2.40
96 (0.00 %)
24 (0.00 %)
6 (0.00 %)
4.80
48 (0.00 %)
12 (0.00 %)
3 (0.00 %)
9.60
24 (0.00 %)
6 (0.00 %)
14.40
16 (0.00 %)
4 (0.00 %)
1 (0.00 %)
19.20
12 (0.00 %)
3 (0.00 %)
28.80
8 (0.00 %)
2 (0.00 %)
38.40
6 (0.00 %)
57.60
4 (0.00 %)
1 (0.00 %)
76.80
3 (0.00 %)
SCLK
7.3728
115.20
2 (0.00 %)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com