Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 371 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 371 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 367Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 368Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 369Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 370Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 371Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 372Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 373Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 374Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 375Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 371 / 590 page
background image
Chapter 11 Serial I/O Port
11-7
11.3.4
Data Reception
When the Serial Data Reception Disable bit (RSDE) of the Flow Control Register (SIFLCRn) is set
to “0”, reception operation starts after the RXD signal start bit is detected. Start bits are detected when
the RXD signal transitions from the High state to the Low state. Therefore, the RXD signal is not
interpreted as a start bit if it is Low when the Serial Data Reception Disable bit is set to “0”.
The received data are stored in the Receive FIFO. The Reception Data Full bit (RDIS) of the
DMA/Interrupt Status Register (SIDISRn) is set if the byte count of the stored reception data exceeds
the value set by the Receive FIFO Request Trigger Level field (RDIL) of the FIFO Control Register
(SIFCRn).
An interrupt is signaled when the Reception Data Interrupt Enable bit (RIE) of the DMA/Interrupt
Control Register (SIDICRn) is set. The received data can be read from the Receive FIFO Data Register
(SIRFIFOn).
In addition, DMA transfer is initiated when the Reception Data DMA Enable bit (RDE) of the
DMA/Interrupt Control Register (SIDICRn) is set.
11.3.5
Data Transmission
Data stored in the Transmission Data FIFO are transmitted when the Serial Data Transmission
Disable bit (TSDE) of the Flow Control Register (SIFLCRn) is set to “0”.
If the available space in the Transmit FIFO is greater than the byte count set by the Transmit FIFO
Request Trigger Level (TDIL) of the Control Register (SIFCRn), the transmission data empty bit
(TDIS) of the DMA/Interrupt Status Register (SIDISRn) is set.
An interrupt is signaled when the Transmission Data Interrupt Enable bit (TIE) of the DMA/Interrupt
Control Register (SIDICRn) is set.
In addition, DMA transfer is initiated when the Transmission Data DMA Enable bit (TDE) of the
DMA/Interrupt Control Register (SIDICRn) is set.
11.3.6
DMA Transfer
The DMA Request Control Register (DRQCTR)of the DMA Request Select field (DMAREQ[3:0])
can be used to allocate DMA channels for each reception and transmission channel in the following
manner.
SIO Channel 1 Reception
DMA Channel 0
SIO Channel 1 Transmission
DMA Channel 1
SIO Channel 0 Reception
DMA Channel 2
SIO Channel 0 Transmission
DMA Channel 3
Set the DMA Channel Control Register of the DMA Controller as described below.
DMA Request Polarity
Low Active
DMCCRn.ACKPOL = 0
DMA Acknowledge Polarity
Low Active
DMCCRn.REQPOL = 0
Request Detection
Level Detection
DMCCRn.EGREQ = 0
Transfer Size
1 Byte
DMCCRn.XFSZ = 000b
Transfer Address Mode
Dual
DMCCRn.SNGAD = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com