Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 375 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 375 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 371Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 372Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 373Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 374Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 375Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 376Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 377Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 378Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 379Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 590 page
background image
Chapter 11 Serial I/O Port
11-11
11.3.12 Multi-Controller System
The Multi-Controller System consists of one Master Controller, and multiple Slave Controllers as
shown below in Figure 11.3.4.
In the case of the Multi-Controller System, the Master Controller transmits an address (ID) frame to
all Slave Controllers, then transmits and receives data with the selected Slave Controller. Slave
Controllers that were not selected will ignore this data.
Data frames whose data frame Wake Up bits (WUB) are “1” are handled as address (ID) frames. Data
frames whose Wake Up bit (WUB) is “0” are handled as data frames.
Figure 11.3.4 Example Configuration of Multi-Controller System
The data transfer procedure for the Multi-Controller System is as follows.
(1) The Master and Slave Controllers set the Mode field (UMODE) of the Line Control Register
(SILCR) to “10” or “11” to set the Multi-Controller System mode. Also, the Slave Controller sets
the open drain enable bit (UODE) of the Line Control Register (SILCR), setting the TXD output
signal to open drain output.
(2) The Slave Controller sets the Reception Wake Up bit (RWUB) of the Line Control Register
(SILCR), making it possible to receive address (ID) frames from the Master Controller.
(3) The Master Controller sets the Transmission Wake Up bit (TWUB) of the Line Control Register
(SILCR), and transmits the address (ID) of the selected Slave Controller. This causes the address
(ID) frame to be transmitted. The Reception after Address Transmission Wake Up bit (RWUB) is
cleared, enabling reception of data frames.
(4) Since the Reception Wake Up bit (RWUB) is set, the Slave Controller generates an interrupt to the
CPU by receiving an address (ID) frame. The CPU compares its own address (ID) and the received
data together. If they match, the Reception Wake Up bit (RWUB) is cleared, making data frame
reception possible.
(5) The Master Controller and the selected Slave Controller clear the Transmission Wake Up bit
(TWUB) of the Line Control Register (SILCR), then set the mode that transmits data frames.
(6) Transmit/Receive data between the Master Controller and the selected Slave Controller. Then,
Slave Controllers that were not selected ignore data frames since the Reception Wake Up bit
(RWUB) is still set.
RXD
TXD
Slave #3
RXD
TXD
Slave #2
RXD
TXD
Slave #1
Master
TXD
RXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com