| Electronic Components Datasheet Search |
|
TMPR4925 Datasheet(PDF) 422 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMPR4925 Datasheet(HTML) 422 Page - Toshiba Semiconductor |
|
422 / 590 page ![]() Chapter 14 AC-link Controller 14-12 14.3.6.4 DMA Operation When ACLC’s REQ latch (refer to Figure 14.3.6 and Figure 14.3.7) needs to read or write sample-data, it issues a DMA request. When DMAC acknowledges the request by performing write- or read-access to the ACLC sample-data register, ACLC deasserts the request. Therefore, the software must properly set up DMAC so that the source or destination points to the corresponding sample-data register for the DMA channel. Setup the DMA Channel Control Registers (DMCCRn) in DMAC as follows. Immediate chain Enable DMCCRn.IMMCHN = 1 [Note] DMA request polarity Low-active DMCCRn.REQPOL = 0 DMA acknowledge polarity Low-active DMCCRn.ACKPOL = 0 Request sense Level-sensitive DMCCRn.EGREQ = 0 Simple chain Enable DMCCRn.SMPCHN = 1 Transfer size 1 word DMCCRn.XFSZ = 010b Transfer address mode Dual DMCCRn.SNGAD = 0 Note: Use this setting when DMA chain operation is utilized For a transmission channel, assign the address of ACLC Audio PCM Output/Surround/Center/LFE/Modem Output Register (ACAUDO/SURR/CENT/LFE/MODODAT) to the DMAC destination address register (DMDARn). For a reception channel, assign the address of ACLC Audio input/Modem Input Register (ACAUDI/MODIDAT) to the DMAC source address register (DMSARn). When any DMA request is pending, the REQ latch will not deasserted the request until the corresponding sample-data register is accessed. Just unsetting ACLC Control Enable Register (ACCTLEN)’s DMA Enable (xxxxDMA) bit corresponding to the DMA will not clear the REQ latch. The procedure to continuously push or pull the sample-data stream through the chain DMA operation follows the DMAC specification. Refer to section 8.3.10 for this respect. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |