Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 418 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 418 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 414Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 415Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 416Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 417Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 418Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 419Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 420Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 421Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 422Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 590 page
background image
Chapter 14 AC-link Controller
14-8
14.3.5
CODEC Register Access
By accessing registers in the CODEC, the system software is able to detect or control the CODEC
state. This section describes how to read and write CODEC registers via ACLC. For details about
AC’97 register set and proper sequence to operate CODEC, refer to the AC’97 specification and target
CODEC datasheet.
It takes several frame periods for a read or write access to complete. Taking this into account, ACLC
is equipped with a function for reporting CODEC register access completion as status-change or
interrupt.
In order to read an AC’97 register, write the access destination CODEC ID and register address in
ACLC CODEC Register Access Register (ACREGACC) with its CODECRD bit set to “1”. After the
ACLC Interrupt Status Register (ACINTSTS)’s REGACC Ready (REGACCRDY) bit is set, the
software is able to get the data returned from the AC’97 by reading the ACREGACC register and issue
another access.
In order to write to an AC’97 register, write the access destination CODEC ID, register address, and
the data in ACLC’s ACREGACC register with ACREGACC.CODECRD bit set to “0”.
After the
ACINTSTS.REGACCRDY bit has been set, the software is able to issue another access.
In case of 5.1 channel audio connection example (Figure 14.3.2), because the secondary CODEC has
CODEC ID of ‘3’, the software must write ‘3’ into ACREGACC.CODECID field when it issues
secondary CODEC register access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com