Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 417 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 417 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 413Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 414Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 415Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 416Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 417Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 418Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 419Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 420Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 421Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 590 page
background image
Chapter 14 AC-link Controller
14-7
14.3.4
AC-link Start Up
Figure 14.3.5 shows the conceptual sequence of AC-link start-up.
The ACLC Control Enable Register’s Enable AC-link bit is used to deassert/assert the ACRESET*
signal to the link side (including AC-link). This bit defaults to ‘0’, so the CPU asserts the ACRESET*
signal when it boots up.
The AC’97 specification requires that the reset assertion period is 1
µs or longer. The software is
responsible for controlling the length of this period.
The AC’97 specification also requires that the primary CODEC stops the AC-link clock (BITCLK)
signal during the period from ACRESET* signal assertion to 162.8ns after ACRESET* signal
deassertion. ACLC assumes the primary CODEC meet this requirement.
Deasserting the link-side reset makes the primary CODEC start driving the BITCLK signal. When
the BITCLK signal is provided, ACLC starts the SYNC signal output, which indicates the start of the
AC-link frame, and starts the frame-length counting.
When a CODEC becomes ready to receive access to its own register, the CODEC sets the “CODEC
Ready” bit of the Tag slot. When ACLC detects that this bit has been set, the ACLC Interrupt Status
Register (ACINTSTS)’s CODEC[1:0] Ready (CODEC[1:0]RDY) bit is set. The system software is
able to recognize the readiness of the CODEC(s) by detecting this event by way of either polling or
interrupt.
In case of 5.1 channel audio connection example (Figure 14.3.2), because the secondary CODEC is
connected to the SDIN1 signal of ACLC, the software must watch ACINTSTS.CODEC1RDY bit to
determine the CODEC’s readiness for the register access.
Figure 14.3.5 Cold Reset and CODEC Ready Recognition
SDIN
ACRESET*
BITCLK
SYNC
ENLINK
CODECRDY
ACLC internal clock becomes active
Software sets ENLINK bit
CODEC becomes ready to accept register access
Boot up
Note: The number of BITCLK cycles relative to other signals is not to scale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com