Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 413 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 413 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 409Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 410Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 411Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 412Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 413Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 414Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 415Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 416Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 417Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 590 page
background image
Chapter 14 AC-link Controller
14-3
14.3 Functional Description
ACLC provides four mechanisms to operate AC’97-compliant CODEC(s):
•
AC-link status control (start-up and low-power mode)
•
CODEC register access
•
Sample-data transmission and reception
•
GPIO operation
This section first describes the CODEC connection, chip configuration, and overall usage-flow. Then AC-
link start-up sequence and the other mechanisms will be described. Using low-power mode comes last.
14.3.1
CODEC Connection
The ACLC module has two SDIN (named as SDATA_IN in the AC’97 specification) signals and
supports up to two CODECs to be connected. This section shows some system configuration diagrams
for typical usages. Note that the diagrams shown here is intended to provide conceptual understanding
and some components may be necessary on the actual circuit board to ensure proper electrical signals.
The diagrams assume CODECs compliant with the CODEC ID strapping recommendation described in
the section D.5.2 of the AC’97 revision 2.1 specification.
14.3.1.1 Stereo Audio and Optional Modem Connection
Figure 14.3.1 Stereo Audio and Optional Modem Connection Diagram
SDIN1
ACRESET*
BITCLK
SYNC
SDOUT
SDIN0
ACLC
CID0
RESET#
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
Audio CODEC (CODEC ID=‘00’)
CID1
CID0
RESET#
BIT_CLK
SYNC
SDATA_OUT
SDATA_IN
Optional Modem CODEC (CODEC ID=’01’)
CID1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com