Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 411 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 411 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 407Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 408Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 409Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 410Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 411Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 412Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 413Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 414Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 415Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 590 page
background image
Chapter 14 AC-link Controller
14-1
14. AC-link Controller
14.1 Features
ACLC, AC-link controller module can be connected to audio and/or modem CODECs described in the
“Audio CODEC ’97 Revision 2.1” (AC’97) defined by Intel and can operate them. Refer to the following
Web site for more information regarding the AC’97 specification.
http://developer.intel.com/ial/scalableplatforms/audio/
Its features are summarized as follows.
•
Up to two CODECs are supported.
•
AC’97 compliant CODEC register access protocol is supported.
•
CODEC register access completion is recognized by polling or interrupt.
•
Recording and playback of 16-bit PCM Left&Right channels are supported.
•
Recording can be selected from PCM L&R or Mic.
•
Playback of 16-bit Surround, Center, and LFE channels is supported.
•
Variable Rate Audio recording is supported.
•
Variable Rate Audio playback is supported.
•
Line 1 and GPIO slots for Modem CODEC are supported.
•
AC-link low-power mode, wake-up, and warm-reset are supported
•
Sample-data I/O via DMA transfer is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com