Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 408 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 408 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 404Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 405Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 406Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 407Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 408Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 409Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 410Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 411Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 412Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 590 page
background image
Chapter 13 Parallel I/O Port
13-2
13.3 Detailed Description
13.3.1
Selecting PIO Pins
All of the 32-bit PIO signals are shared with other functions. The boot configuration signal (TDO)
and pin configuration register (PCFG) determine which functions will be used. See Sections “3.2 Boot
Configuration”, “3.3 Pin Multiplexing” and “5.2.3 Pin Configuration Register” for more information.
13.3.2
General-purpose Parallel Port
The four following registers are used to control the PIO port.
•
PIO Output Data Register (PIODO)
•
PIO Input Data Register (PIODI)
•
PIO Direction Control Register (PIODIR)
•
PIO Open Drain Control Register (PIOOD)
PIO signals can be selected by the PIO Direction Control Register (PIODIR) for each bit as either
input or output.
Signals selected as output signals output the values written into the PIO Data Output Register
(PIODO). The PIO Open Drain Control Register (PIOOD) can select whether each bit is either an open
drain output or a totem pole output.
PIO signal status is indicated by the PIO Data Input Register. This register can be read out at any time
regardless of the pin direction settings.
13.4 Registers
Table 13.4.1 PIO Register Map
Reference
Offset Address
Bit Width
Mnemonic
Register Name
13.4.1
0xF500
32
PIODO
PIO Output Data Register
13.4.2
0xF504
32
PIODI
PIO Input Data Register
13.4.3
0xF508
32
PIODIR
PIO Direction Control Register
13.4.4
0xF50C
32
PIOOD
PIO Open Drain Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com