Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 405 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 405 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 401Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 402Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 403Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 404Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 405Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 406Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 407Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 408Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 409Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 405 / 590 page
background image
Chapter 12 Timer/Counter
12-17
12.4.8
Watchdog Timer Mode Register n (TMWTMRn)
TMWTMR2
0xF240
31
16
0
: Type
: Initial value
15
14
8
7
6
1
0
TWIE
0
WDIS
0
TWC
R/W
R/W1S
R/W1C : Type
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:16
Reserved
15
TWIE
Watchdog Timer
Signaling Enable
Timer Watchdog Enable (Initial value: 0, R/W)
This bit sets NMI signaling enable/disable either when in the Watchdog Timer mode
or during a reset. This bit cannot be cleared when the Watchdog Timer Disable bit
(WDIS) is “0”.
0: Disable (mask)
1: Enable
14:8
Reserved
7
WDIS
Watchdog Timer
Disable
Watchdog Timer Disable (Initial value: 0, R/W1S)
Only when this bit is set can the counter be stopped by clearing the Watchdog Timer
Signaling Enable bit (TWIE) or by clearing the Timer Counter Enable bit
(TMTCR2.TCE) of the Timer Control Register.
Writing “0” to this bit is not valid. This bit can be cleared in either of the following
ways.
Clear the Watchdog Timer Interrupt Enable bit (TMWTMR2.TWIE).
Clear the Timer Counter Enable bit (TMTCR2.TCE) of the Timer Control Register.
6:1
Reserved
0TWC
Watchdog Timer
Clear
Watchdog Timer Clear (Initial value: 0, R/W1C)
Setting this bit to “1” clears the counter. Writing “0” to this bit is not valid. This bit is
always read as “0”.
Figure 12.4.8 Watchdog Timer Mode Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com