Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 402 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 402 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 398Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 399Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 400Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 401Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 402Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 403Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 404Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 405Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 406Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 402 / 590 page
background image
Chapter 12 Timer/Counter
12-14
12.4.5
Interval Timer Mode Register n (TMITMRn)
TMITMR0
0xF010
TMITMR1
0xF110
TMITMR2
0xF210
31
16
0
: Type
: Initial value
15
14
10
TIIE
0
TZCE
R/W
R/W
: Type
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:16
Reserved
15
TIIE
Interval Timer
Interrupt Enable
Timer Interval Interrupt Enable (Initial value: 0, R/W)
Sets Interval Timer TMCPRA Interrupt Enable/Disable.
0: Disable (mask)
1: Enable
14:1
Reserved
0
TZCE
Interval Timer
Clear Enable
Interval Timer Zero Clear Enable (Initial value: 0, R/W)
This bit specifies whether or not to clear the counter to “0” after the count value
matches Compare Register A. Count stops at this value if it is not cleared.
0: Do not clear
1: Clear
Figure 12.4.5 Interval Timer Mode Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com