Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 398 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 398 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 394Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 395Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 396Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 397Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 398Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 399Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 400Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 401Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 402Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 398 / 590 page
background image
Chapter 12 Timer/Counter
12-10
12.4.1
Timer Control Register n (TMTCRn)
TMTCR0
0xF000
TMTCR1
0xF100
TMTCR2
0xF200
31
16
0
: Type
: Initial value
15
8
765
432
10
0
TCE
CCDE
CRE
0
ECES
CCS
TMODE
R/W
R/W
R/W
R/W
R/W
R/W
: Type
0
0
0
0
0
00
: Initial value
Bits
Mnemonic
Field Name
Description
31:8
Reserved
7
TCE
Timer Counter
Enable
Timer Count Enable (Initial value: 0, R/W)
This field controls whether the counter runs or stops.
When in the Watchdog mode, counter operation only stops when the Watchdog
Timer Disable bit (TMWTMR2.WDIS) of the Watchdog Timer Mode Register is set.
When the Watchdog Timer Disable bit is cleared, the value of this Timer Count
Enable bit becomes “0”, but the count continues.
0: Stop counter (the counter is also cleared to “0” when CRE = 1)
1: Counter operation
6
CCDE
Counter Clock
Divider Enable
Counter Clock Divide Enable (Initial value: 0, R/W)
This bit enables the divide operation of the internal clock (IMBUSCLK). The counter
stops if this bit is set to “0” when the internal bus clock is in use.
0: Disable
1: Enable
5
CRE
Counter Reset
Enable
Counter Reset Enable (Initial value: 0, R/W)
This bit controls the counter reset when the TCE bit was used to stop the counter.
1: Stop and reset the counter to “0” when the TCE bit is cleared to “0”.
0: Only stop the counter when the TCE bit is cleared to “0”.
4
Reserved
3ECES
External Clock
Edge Select
External Clock Edge Select (Initial value: 0, R/W)
This bit specifies the counter operation edge when using the counter input signal
(TCLK).
0: Falling edge of the counter input signal (TCLK)
1: Rising edge of the counter input signal (TCLK)
2CCS
Counter Clock
Select
Counter Clock Select (Initial value: 0, R/W)
This bit specifies the timer clock.
0: Internal clock (IMBUSCLK)
1: External input clock (TCLK)
1:0
TMODE
Timer Mode
Timer Mode (Initial value: 00, R/W)
This bit specifies the timer operation mode.
11: Reserved
10: Watchdog Timer mode (Timer 2), Reserved (Timer 0, 1)
01: Pulse Generator mode (Timer 0, 1), Reserved (Timer 2)
00: Interval Timer mode
Figure 12.4.1 Timer Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com