Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 399 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 399 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 395Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 396Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 397Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 398Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 399Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 400Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 401Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 402Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 403Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 399 / 590 page
background image
Chapter 12 Timer/Counter
12-11
12.4.2
Timer Interrupt Status Register n (TMTISRn)
TMTISR0
0xF004
TMTISR1
0xF104
TMTISR2
0xF204
31
16
0
: Type
: Initial value
15
432
10
0
TWIS TPIBS TPIAS
TIIS
R/W0C R/W0C R/W0C R/W0C : Type
0
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:4
Reserved
3
TWIS
Watchdog Timer
Status
Watchdog Timer TMCPRA Match Status (Initial value: 0, R/W0C)
(This bit is Reserved in the case of the TMTISR0 Register and the TMTISR1 Register.)
When in the Watchdog Timer mode, this bit is set when the counter value matches
Compare Register 2 (TMCPRA2).
This bit is cleared by writing a “0” to it.
During Read
0: Did not match the Compare Register
1: Matched the Compare Register
During Write
0: Negate interrupt
1: Invalid
2TPIBS
Pulse Generator
TMCPRB Status
Pulse Generator TMCPRB Match Status (Initial value: 0, R/W0C)
(This bit is Reserved in the case of the TMTISR2 Register.)
When in the Pulse Generator mode, this bit is set when the counter value matches
Compare Register Bn (TMCPRBn).
This bit is cleared by writing a “0” to it.
During Read
0: Did not match the Compare Register
1: Matched the Compare Register
During Write
0: Clear
1: Invalid
1
TPIAS
Pulse Generator
TMCPRA Status
Pulse Generator TMCPRA Match Status (Initial value: 0, R/W0C)
(This bit is Reserved in the case of the TMTISR2 Register.)
When in the Pulse Generator mode, this bit is set when the counter value matches
Compare Register A n (TMCPRAn).
This bit is cleared by writing a “0” to it.
During Read
0: Did not match the Compare Register
1: Matched the Compare Register
During Write
0: Clear
1: Invalid
0
TIIS
Interval Timer
TMCPRA Status
Interval Timer TMCPRA Match Status (Initial value: 0, R/W0C)
When in the Interval Timer mode, this bit is set when the counter value matches
Compare Register A n (TMCPRAn).
This bit is cleared by writing a “0” to it.
During Read
0: Did not match the Compare Register
1: Matched the Compare Register
During Write
0: Clear
1: Invalid
Figure 12.4.2 Timer Interrupt Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com