Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 410 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 410 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 406Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 407Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 408Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 409Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 410Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 411Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 412Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 413Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 414Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 590 page
background image
Chapter 13 Parallel I/O Port
13-4
13.4.3
PIO Direction Control Register (PIODIR)
0xF508
31
16
PDIR
R/W
: Type
0x0000
: Initial value
15
0
PDIR
R/W
: Type
0x0000
: Initial value
Bits
Mnemonic
Field Name
Description
31 :0
PDIR [31:0]
Direction Control
Port Direction Control [31:0] (Initial value: 0x0000_0000, R/W)
Sets the I/O direction of the PIO pin (PIO [31:0]).
0: Input (Reset)
1: Output
Figure 13.4.3 PIO Direction Control Register
13.4.4
PIO Open Drain Control Register (PIOOD)
0xF50C
31
16
POD
R/W
: Type
0x0000
: Initial value
15
0
POD
R/W
: Type
0x0000
: Initial value
Bits
Mnemonic
Field Name
Description
31 :0
POD [31:0]
Open Drain
Control
Port Open Drain Control [31:0] (Initial value: 0x0000_0000, R/W)
Sets whether to use the PIO pin (PIO [31:0]) as an open drain.
0: Open drain (Reset)
1: Totem pole
Figure 13.4.4 PIO Open Drain Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com