Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 421 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 421 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 417Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 418Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 419Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 420Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 421Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 422Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 423Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 424Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 425Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 590 page
background image
Chapter 14 AC-link Controller
14-11
Figures below show the format of DMA buffer for each type of DMA channel. #0, #1, …
means the sample’s sequential number for the AC-link slot. Subscript ‘L’ means lower 8-bit of
each sample and subscript ‘H’ means upper 8-bit.
Table 14.3.2 Front and Surround DMA Buffer Format in Little-endian Mode
Address offset
+0
+1
+2
+3
+0
Left#0L
Left#0H
Right#0L
Right#0H
+4
Left#1L
Left#1H
Right#1L
Right#1H
+8
Left#2L
Left#2H
Right#2L
Right#2H
:
:
:::
Table 14.3.3 Center, LFE, and Modem DMA Buffer Format in Little-endian Mode
Address offset
+0
+1
+2
+3
+0
#0L
#0H
#1L
#1H
+4
#2L
#2H
#3L
#3H
+8
#4L
#4H
#5L
#5H
:
:
:::
Table 14.3.4 Mic DMA Buffer Format in Little-endian Mode
Address offset
+0
+1
+2
+3
+0
#0L
#0H
00
+4
#1L
#1H
00
+8
#2L
#2H
00
:
:
:::
Table 14.3.5 Front and Surround DMA Buffer Format in Big-endian Mode
Address offset
+0
+1
+2
+3
+0
Left#0H
Left#0L
Right#0H
Right#0L
+4
Left#1H
Left#1L
Right#1H
Right#1L
+8
Left#2H
Left#2L
Right#2H
Right#2L
:
:
:::
Table 14.3.6 Center, LFE, and Modem DMA Buffer Format in Big-endian Mode
Address offset
+0
+1
+2
+3
+0
#0H
#0L
#1H
#1L
+4
#2H
#2L
#3H
#3L
+8
#4H
#4L
#5H
#5L
:
:
:::
Table 14.3.7 Mic DMA Buffer Format in Big-endian Mode
Address offset
+0
+1
+2
+3
z#0H
#0L
00
+4
#1H
#1L
00
+8
#2H
#2L
00
:
:
:::



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com