Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 427 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 427 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 423Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 424Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 425Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 426Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 427Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 428Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 429Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 430Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 431Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 590 page
background image
Chapter 14 AC-link Controller
14-17
14.4.1
ACLC Control Enable Register (ACCTLEN)
0xF700
This register is used to check the setting of various ACLC features and to enable them.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
MODIE
HLT
MODOE
HLT
Reserved
AUDIE
HLT
LFEEH
LT
CENTE
HLT
SURRE
HLT
AUDO
EHLT
R/W1S R/W1S
R/W1S R/W1S R/W1S R/W1S R/W1S
: Type
00
000
00
: Initial value
15
14
13
12
11
10
98
76
54
3210
MODID
MA
MODO
DMA
Reserved
AUDID
MA
LFEDM
A
CENTD
MA
SURR
DMA
AUDO
DMA
Reserved
RDYCLR MICSEL WRESET WAKEUP
LOW
PWR
ENLINK
R/W1S R/W1S
R/W1S R/W1S R/W1S R/W1S R/W1S
W1C
R/W1S R/W1S R/W1S R/W1S R/W1S
: Type
0
0
00
00
0
0
0
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:24
Reserved
Enable Modem Receive-data DMA Error Halt. (Initial value: 0, R/W1S)
23
MODIEHLT
Enable Modem
Receive-data
DMA Error Halt
R
0: Indicates that MODIDMA error halt is disabled.
1: Indicates that MODIDMA error halt is enabled.
W1S
0: No effect
1: Enables MODIDMA error halt. When MODIDMA overrun occurs, subsequent
DMA will not be issued.
Enable Modem Transmit-data DMA Error Halt. (Initial value: 0, R/W1S)
22
MODOEHLT Enable Modem
Transmit-data
DMA Error Halt
R
0: Indicates that MODODMA error halt is disabled.
1: Indicates that MODODMA error halt is enabled.
W1S
0: No effect
1: Enables MODODMA error halt. When MODODMA underrun occurs, subsequent
DMA will not be issued.
21
Reserved
Enable Audio Receive-data DMA Error Halt. (Initial value: 0, R/W1S)
20
AUDIEHLT
Enable Audio
Receive-data
DMA Error Halt
R
0: Indicates that AUDIDMA error halt is disabled.
1: Indicates that AUDIDMA error halt is enabled.
W1S
0: No effect
1: Enables AUDIDMA error halt. When AUDIDMA overrun occurs, subsequent
DMA request will not be issued.
Enable Audio LFE Transmit-data DMA Error Halt. (Initial value: 0, R/W1S)
19
LFEEHLT
R
0: Indicates that LFEDMA error halt is disabled.
1: Indicates that LFEDMA error halt is enabled.
Enable Audio
LFE
Transmit-data
DMA Error Halt
W1S
0: No effect
1: Enables LFEDMA error halt. When LFEDMA underrun occurs, subsequent DMA
request will not be issued.
Enable Audio Center Transmit-data DMA Error Halt. (Initial value: 0, R/W1S)
18
CENTEHLT
R
0: Indicates that CENTDMA error halt is disabled.
1: Indicates that CENTDMA error halt is enabled.
Enable Audio
Center
Transmit-data
DMA Error Halt
W1S
0: No effect
1: Enables CENTDMA error halt. When CENTDMA underrun occurs, subsequent
DMA request will not be issued.
Figure 14.4.1 ACCTLEN Register (1/3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com