Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 430 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 430 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 426Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 427Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 428Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 429Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 430Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 431Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 432Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 433Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 434Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 590 page
background image
Chapter 14 AC-link Controller
14-20
14.4.2
ACLC Control Disable Register (ACCTLDIS)
0xF704
This register is used to disable various ACLC features.
31
24
23
22
21
20
19
18
17
16
Reserved
MODIE
HLT
MODO
EHLT Reserved
AUDIE
HLT
LFEEH
LT
CENTE
HLT
SURRE
HLT
AUDO
EHLT
W1C
W1C
W1C
W1C
W1C
W1C
W1C : Type


: Initial value
15
14
13
12
11
10
9
8
7
5
4
3
2
1
0
MODID
MA
MODO
DMA
Reserved
AUDID
MA
LFED
MA
CENTD
MA
SURR
DMA
AUDO
DMA
Reserved
MIC
SEL
WRE
SET
WAKEUP
LOW
PWR
ENLINK
W1C
W1C
W1C
W1C
W1C
W1C
W1C
W1C
W1C
W1C
W1C
W1C
W1C : Type

: Initial value
Bits
Mnemonic
Field Name
Description
31:24
—
Reserved
Disable Modem Receive-data DMA Error Halt. (Initial value: –, W1C)
23
MODIEHLT
Disable Modem
Receive-data
DMA Error Halt
W1C
0: No effect
1: Disables MODIDMA error halt. MODIDMA request(s) will continue to be issued
even after MODIDMA overrun occurs.
Disable Modem Transmit-data DMA Error Halt. (Initial value: –, W1C)
22
MODOEHLT Disable Modem
Transmit-data
DMA Error Halt
W1C
0: No effect
1: Disables MODODMA error halt. MODODMA request(s) will continue to be
issued even after MODODMA underrun occurs.
21
Reserved
Disable Audio Receive-data DMA Error Halt. (Initial value: –, W1C)
20
AUDIEHLT
Disable Audio
Receive-data
DMA Error Halt
W1C
0: No effect
1: Disables AUDIDMA error halt. AUDIDMA request(s) will continue to be issued
even after AUDIDMA overrun occurs.
Disable Audio LFE Transmit-data DMA Error Halt. (Initial value: –, W1C)
19
LFEEHLT
Disable Audio
LFE
Transmit-data
DMA Error Halt
W1C
0: No effect
1: Disables LFEDMA error halt. LFEDMA request(s) will continue to be issued even
after LFEDMA underrun occurs.
Disable Audio Center Transmit-data DMA Error Halt. (Initial value: –, W1C)
18
CENTEHLT
Disable Audio
Center
Transmit-data
DMA Error Halt
W1C
0: No effect
1: Disables CENTDMA error halt. CENTDMA request(s) will continue to be issued
even after CENTDMA underrun occurs.
Disable Audio Surround L&R Transmit-data DMA Error Halt. (Initial value: –, W1C)
17
SURREHLT
Disable Audio
Surround L&R
Transmit-data
DMA Error Halt
W1C
0: No effect
1: Disables SURRDMA error halt. SURRDMA request(s) will continue to be issued
even after SURRDMA underrun occurs.
Disable Audio PCM L&R Transmit-data DMA Error Halt. (Initial value: –, W1C)
16
AUDOEHLT
Disable Audio
PCM L&R
Transmit-data
DMA Error Halt
W1C
0: No effect
1: Disables AUDODMA error halt. AUDODMA request(s) will continue to be issued
even after AUDODMA underrun occurs.
Disable Modem Receive-data DMA. (Initial value: –, W1C)
15
MODIDMA
Disable Modem
Receive-data
DMA
W1C
0: No effect
1: Disables modem receive-data DMA.
Disable Modem Transmit-data DMA. (Initial value: –, W1C)
14
MODODMA
Disable Modem
Transmit-data
DMA
W1C
0: No effect
1: Disables modem transmit-data DMA.
Figure 14.4.2 ACCTLDIS Register (1/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com