Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 542 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 542 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 538Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 539Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 540Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 541Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 542Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 543Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 544Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 545Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 546Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 542 / 590 page
background image
Chapter 18 NAND Flash Memory Controller
18-10
18.4.6
NAND Flash Memory Strobe Pulse Width Register (NDFSPR)
0xC014
31
16
Reserved
: Type
: Initial value
15
87
43
0
Reserved
HOLD
SPW
R/W
R/W
: Type
0000
0000
: Initial value
Bits
Mnemonic
Field Name
Description
31:8
Reserved
7:4
HOLD
Hold Time
Hold Time (Initial value: 0000, R/W)
These bits specify the Hold time from the rising edge of the ND_RE* and ND_WE*
signals to the end of the bus cycle. The BUSSPRT* signal is deasserted after this
hold timing if the NDFMCR.BSPRT is one.
0000: Zero
0001: One GBUSCLK
0010: Two GBUSCLKs
0011: Three GBUSCLKs
0100: Four GBUSCLKs
0101: Five GBUSCLKs
0110: Six GBUSCLKs
0111: Seven GBUSCLKs
1000: Eight GBUSCLKs
1001: Nine GBUSCLKs
1010: Ten GBUSCLKs
1011: Eleven GBUSCLKs
1100: Twelve GBUSCLKs
1101: Thirteen GBUSCLKs
1110: Fourteen GBUSCLKs
1111: Fifteen GBUSCLKs
3:0
SPW
Strobe Pulse
Width
Strobe Pulse Width (Initial value: 0000, R/W)
These bits specify the Low pulse width of the ND_RE* and ND_WE* signals. The
low pulse width is the value of this field plus one.
0000: One GBUSCLK
0001: Two GBUSCLKs
0010: Three GBUSCLKs
0011: Four GBUSCLKs
0100: Five GBUSCLKs
0101: Six GBUSCLKs
0110: Seven GBUSCLKs
0111: Eight GBUSCLKs
1000: Nine GBUSCLKs
1001: Ten GBUSCLKs
1010: Eleven GBUSCLKs
1011: Twelve GBUSCLKs
1100: Thirteen GBUSCLKs
1101: Fourteen GBUSCLKs
1110: Fifteen GBUSCLKs
1111: Sixteen GBUSCLKs
Figure 18.4.6 NAND Flash Memory Strobe Pulse Width Register (NDFSPR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com