Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 541 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 541 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 537Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 538Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 539Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 540Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 541Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 542Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 543Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 544Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 545Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 590 page
background image
Chapter 18 NAND Flash Memory Controller
18-9
18.4.5
NAND Flash Memory Interrupt Mask Register (NDFIMR)
0xC010
31
16
Reserved
: Type
: Initial value
15
8
7
6
1
0
Reserved
INTEN
Reserved
MRDY
R/W
R/W : Type
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:8
Reserved
7
INTEN
Interrupt Enable
Interrupt Enable (Initial value: 0, R/W)
Enable Interrupt. When this bit and MRDY bit in this register are set one and RDY
bit in NDFISR becomes one, the interrupt occurs.
0: Disable
1: Enable
6:1
Reserved
0
MRDY
Mask RDY
interrupt
Mask Ready Interrupt (Initial value: 0, R/W)
This bit masks the RDY bit in NDFISR. If this bit one, RDY in NDFISR set when
ND_RB* signal changes from Low to High.
0: Disable RDY in NDFISR
1: Enable RDY in NDFISR
Figure 18.4.5 NAND Flash Memory Interrupt Mask Register (NDFIMR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com