Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 538 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 538 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 534Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 535Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 536Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 537Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 538Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 539Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 540Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 541Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 542Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 538 / 590 page
background image
Chapter 18 NAND Flash Memory Controller
18-6
18.4.2
NAND Flash Memory Mode Control Register (NDFMCR)
0xC004
31
16
Reserved
: Type
: Initial value
15
87
65
43
21
0
Reserved
WE
ECC
CE
Reserved
BSPRT
ALE
CLE
R/W
R/W
R/W
R/W
R/W
R/W
R/W : Type
0000
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Description
31:8
Reserved
7
WE
Write Enable
Write Enable (Initial value: 0, R/W)
This bit enables the data write operation. When you write the data in the NAND
flash memory, this bit must be set one.
0: Inhibit write operation
1: Enable write operation
6:5
ECC
ECC Control
ECC Control 19 (Initial value: 00, R/W)
These bits control the ECC calculating circuits.
ECC
11: Reset ECC circuits.
00: ECC circuits is disable.
01: ECC circuits is enable.
10: Read ECC data calculated by NDFMC.
4
CE
Chip Enable
Chip Enable (Initial value: 0, R/W)
Enable NAND Flash access. This bit must be set one when access to the NAND
Flash memory.
0: Disable (ND_CE* is high.)
1: Enable (ND_CE* is low.)
3
Reserved
2
BSPRT
Bus Separate
Bus Separate (Initial value: 0, R/W)
This bit enables the BUSSPRT* signal during NAND Flash memory access.
0: Disable
1: Enable
1
ALE
Address Latch
Enable
Address Latch Enable (Initial value: 0, R/W)
This bit specifies the value of ND_ALE signal.
0: Low
1: High
0CLE
Command Latch
Enable
Command Latch Enable (Initial value: 0, R/W)
This bit specifies the value of ND_CLE signal.
0: Low
1: High
Figure 18.4.2 NAND Flash Memory Mode Control Register (NDFMCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com