Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 536 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 536 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 532Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 533Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 534Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 535Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 536Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 537Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 538Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 539Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 540Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 590 page
background image
Chapter 18 NAND Flash Memory Controller
18-4
(3) Read ECC data
•
NDFMCR (0xC004): Set 0x50 to do the ECC data read mode.
•
NDFDTR (0xC000):
Read 6 bytes ECC data.
First data:
LPR[7:0]
Second data:
LPR[15:8]
Third data:
CPR[5:0], 2’b11
Fourth data:
LPR[23:16]
Fifth data:
LPR[31:24]
Sixth data:
CPR[11:6], 2’b11
(4) Compare ECC data and run the error routine if error occurs by Software.
(5) Read other pages
•
NDFMCR (0xC004): Set 0x10.
•
NDFSR (0xC008):
Check BUSY flag. If it’s zero, go to the next. If it’s one, wait till
it will become zero.
•
Continue from (1) to (4) but (2-1) to (2-5) can be skipped when Sequential Read.
18.3.1.4 ID Read
The ID read sequence is below.
(1) NDFMCR (0xC004): Set 0x11 to assert ND_CLE* signal and do the command mode.
(2) NDFDTR (0xC000): Set 0x90 to write the ID Read command.
(3) NDFMCR (0xC004): Set 0x12 to assert ND_ALE* signal and do the address mode.
(4) NDFDTR (0xC000): Set 0x00.
(5) NDFMCR (0xC004): Set 0x10 to do the data mode without ECC calculation.
(6) NDFDTR (0xC000): Read Maker Code.
(7) NDFDTR (0xC000): Read Device Code.
18.3.2
ECC Control
NDFMC has the ECC calculating circuits. The circuits are controlled by NDFMCR. The Software
compares the ECC data and checks if error or not.
The calculated ECC data can be read from NDFDTR register when NDFMCR is 0xD0 (Write mode)
or 0x50 (Read mode). It is six bytes and six read operations for NDFDTR are needed. The order of the
data is following as.
First data:
LPR[7:0]
Second data: LPR[15:8]
Third data:
CPR[5:0], 2’b11
Fourth data:
LPR[23:16]
Fifth data:
LPR[31:24]
Sixth data:
CPR[11:6], 2’b11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com