Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 532 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 532 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 528Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 529Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 530Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 531Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 532Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 533Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 534Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 535Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 536Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 590 page
background image
Chapter 17 Serial Peripheral Interface
17-16
17.4.6
SPI Data Register (SPDR)
0xF818
31
16
Reserved
: Type
: Initial value
15
11
10
8
7
3
2
0
DR
R/W
: Type
0x00
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:16
Reserved
15:0
DR
SPI Data Register
SPI Data Register (Initial value: 0x00, R/W)
A write to the SPDR register writes the value to the transmit buffer. From there, the
data will be transferred to the shift register as soon as SPI module is ready for the
next transfer.
Reading the SPDR register delivers the current value from the receive FIFO and
increments the receive FIFO pointer, if there are other values stored in the FIFO.
For eight bit transfers, only the lower eight bits of the SPDR register are used. The
upper byte, bit 15 to 8, are read “0x0” for eight bit transfers.
For 16 bit transfers all 16 bits of SPDR are used.
Figure 17.4.6 SPI Data Register (SPDR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com