Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 534 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 534 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 530Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 531Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 532Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 533Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 534Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 535Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 536Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 537Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 538Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 534 / 590 page
background image
Chapter 18 NAND Flash Memory Controller
18-2
18.3 Detailed Explanation
18.3.1
Access to NAND Flash Memory
The TX4925 NDFMC supports the interface between the NAND Flash Memory using register
indirect sequence. It has the ECC calculating circuits. Please see 18.3.2 in detail of the ECC. This
section describes the procedure to access to NAND Flash Memory.
Basically, set the command in NDFMCR at first and then read or write in NDFDTR. The read cycle
for NDFDTR is finished after the external read cycle for the NAND Flash Memory is finished. Equally,
the write cycle for NDFDTR is finished after the external write cycle for the NAND Flash Memory is
finished.
18.3.1.1 Initialize
The initialize sequence is below.
(1) NDFSPR (0xC014): Set the Low pulse width.
(2) NDFIMR (0xC010): Set 0x81 if need enable interrupt.
18.3.1.2 Write
The write sequence is below.
(1) NDFMCR (0xC004):
Set 0x70 to reset ECC data.
(2) NDFMC hasn’t WP* signal. It must be high using other logic for example PIO.
(3) Write 512 bytes
•
NDFMCR (0xC004): Set 0x91 to assert ND_CLE* signal and do the command mode.
•
NDFDTR (0xC000): Set 0x80 to write the Serial Data Input command.
•
NDFMCR (0xC004): Set 0x92 to assert ND_ALE* signal and do the address mode.
•
NDFDTR (0xC000): Set A[7:0], A[16:9], and A[24:17]. If need, set A[25].
•
NDFMCR (0xC004): Set 0xb0 to do the data mode.
•
NDFDTR (0xC000): Write 512 bytes data.
(4) Read ECC data
•
NDFMCR (0xC004): Set 0xd0 to do the ECC data read mode.
•
NDFDTR (0xC000): Read 6 bytes ECC data.
First data:
LPR[7:0]
Second data:
LPR[15:8]
Third data:
CPR[5:0], 2’b11
Fourth data:
LPR[23:16]
Fifth data:
LPR[31:24]
Sixth data:
CPR[11:6], 2’b11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com