Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 537 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 537 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 533Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 534Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 535Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 536Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 537Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 538Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 539Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 540Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 541Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 537 / 590 page
background image
Chapter 18 NAND Flash Memory Controller
18-5
18.4 Registers
Table 18.4.1 NAND Flash Memory Control Registers
Reference
Address
Bit Width
Register
Register Name
18.4.1
0xC000
32
NDFDTR
NAND Flash memory Data transfer Register
18.4.2
0xC004
32
NDFMCR
NAND Flash memory Mode Control Register
18.4.3
0xC008
32
NDFSR
NAND Flash memory Status Register
18.4.4
0xC00C
32
NDFISR
NAND Flash memory Interrupt Status Register
18.4.5
0xC010
32
NDFIMR
NAND Flash memory Interrupt Mask Register
18.4.6
0xC014
32
NDFSPR
NAND Flash memory Strobe pulse width Register
18.4.7
0xC018
32
NDFRSTR
NAND Flash memory Reset Register
18.4.1
NAND Flash Memory Data Transfer Register (NDFDTR)
0xC000
31
16
Reserved
: Type
: Initial value
15
8
7
0
Reserved
DATA
R/W
: Type
: Initial value
Bits
Mnemonic
Field Name
Description
31:8
Reserved
7:0
DATA
DATA
Interrupt Detection Enable (Initial value: undefined, R/W)
NAND Flash memory data.
Read:
The data is read from the NAND Flash memory.
Note: Be able to read the data that was read from the NAND Flash memory at the
previous read cycle for the NAND Flash memory. At the same time the
NANDFC runs the next read cycle and stores the data in the buffer.
Please take care to read the first byte data and the last byte data.
Write:
The data is written to the NAND Flash memory.
Figure 18.4.1 NAND Flash Memory Data Transfer Register (NDFDTR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com