Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 535 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 535 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 531Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 532Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 533Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 534Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 535Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 536Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 537Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 538Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 539Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 590 page
background image
Chapter 18 NAND Flash Memory Controller
18-3
(5) Write 16 bytes redundant data
•
NDFMCR (0xC004): Set 0x90 to do the data mode without ECC.
•
NDFDTR (0xC000): Write 16 bytes redundant data.
D520: LPR[23:16]
D521: LPR[31:24]
D522: CPR[11:6], 2’b11
D525: LPR[7:0]
D526: LPR[15:8]
D527: CPR[5:0], 2’b11
(6) Run Page Program
•
NDFMCR (0xC004): Set 0x91 to assert ND_CLE* signal and do the command mode.
•
NDFDTR (0xC000): Set 0x10 to write the Page Program command.
•
NDFMCR (0xC004): Set 0x10 to deassert ND_ALE* signal.
•
NDFSR (0xC008):
Check BUSY flag. If it’s zero, go to the next. If it’s one, wait till
it will become zero.
(7) Read Status
•
NDFMCR (0xC004): Set 0x11 to assert ND_CLE* signal and do the command mode.
•
NDFDTR (0xC000): Set 0x70 to write the Read Status command.
•
NDFMCR (0xC004): Set 0x10 to deassert ND_CLE* signal.
•
NDFDTR (0xC000): Read the Status data from the NAND Flash memory.
(8) Continue from (1) to (7) for all other pages if need.
18.3.1.3 Read
The read sequence is below.
(1) NDFMCR (0xC004):
Set 0x70 to reset ECC data.
(2) Read 512 bytes
•
NDFMCR (0xC004): Set 0x11 to assert ND_CLE* signal and do the command mode.
(2-1)
•
NDFDTR (0xC000):
Set 0x00 to write the Read command. (2-2)
•
NDFMCR (0xC004): Set 0x12 to assert ND_ALE* signal and do the address mode.
(2-3)
•
NDFDTR (0xC000):
Set A[7:0], A[16:9], and A[24:17]. If need, set A[25]. (2-4)
•
NDFMCR (0xC004): Set 0x10 to deassert ND_ALE* signal. (2-5)
•
NDFSR (0xC008):
Check BUSY flag. If it’s zero, go to the next. If it’s one, wait till
it will become zero. (2-6)
•
NDFMCR (0xC004): Set 0x30 to do the data mode with ECC calculation. (2-7)
•
NDFDTR (0xC000):
Read 512 bytes data. (2-8)
•
NDFMCR (0xC004): Set 0x10 to do the data mode without ECC calculation. (2-9)
•
NDFDTR (0xC000):
Read 16 bytes redundant data. (2-10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com