Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 528 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 528 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 524Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 525Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 526Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 527Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 528Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 529Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 530Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 531Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 532Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 528 / 590 page
background image
Chapter 17 Serial Peripheral Interface
17-12
17.4.3
SPI Control Register 1 (SPCR1)
0xF808
31
16
Reserved
: Type
: Initial value
15
87
54
0
SER
Reserved
SSZ
R/W
R/W
: Type
0x00
00000
: Initial value
Bits
Mnemonic
Field Name
Explanation
31:16
Reserved
15:8
SER
SPI Data Rate
SPI Data Rate (Initial value: 0x00, R/W)
Control the bit-rate for the transmission.
The clock-rate on the SPI bus can be calculated using the following formula:
fBR = fSPI/2 (n + 1)
But n = 0 is not available.
Refer to Note 2.
7:5
Reserved
4:0
SSZ
SPI Transfer
Size
SPI Transfer size (Initial value: 00000b, R/W)
Select the number of bits to shift.
0x08: 8 bits
0x10: 16 bits
others: Reserved. Don’t set these values.
Note 1: This register could only be written, when the SPI module is in configuration mode.
Note 2: The SPICLK rate is shown in the table below in this time when MASTERCLK input is 40 MHz.
SER[7:0]
SPI Clock Rate
00000001b
10 MHz
00000010b
6.667 MHz
00000011b
5 MHz
00000100b
4 MHz
00000101b
3.33 MHz
…
00001001b
2 MHz
…
00010011b
1 MHz
…
11111111b
78.125 KHz
Figure 17.4.3 SPI Control Register 1 (SPCR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com