Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 527 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 527 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 523Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 524Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 525Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 526Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 527Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 528Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 529Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 530Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 531Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 590 page
background image
Chapter 17 Serial Peripheral Interface
17-11
Bits
Mnemonic
Field Name
Explanation
4
IFSPSE
Inter Frame
Space prescaler
enable
Inter Frame Space prescaler Enable (Initial value: 0, R/W)
Enable the Inter Frame Space prescaler.
0: Disable
1: Enable
3
Reserved
2
SBOS
SPI Bit Order
Select
SPI Bit Order Select (Initial value: 0, R/W)
Select bit order of transfer data.
0: LSB first operation, the least significant bit is shifted first.
1: MSB first operation, the most significant bit is shifted first.
1
SPOL
SPI Polarity
SPI clock Polarity (Initial value: 0, R/W)
Select the SPICLK polarity.
0: Active High Clocks selected; SPICLK idles low
1: Active Low Clocks selected; SPICLK idles high
0
SPHA
SPI Phase
SPI clock Phase (Initial value: 0, R/W)
Selects one of two fundamentally different transfer format.
0: Sampling on the first edge, Shift on the second edge.
1: Shift on the first edge, Sampling on the second edge.
Note 1: Bit 5 to Bit 0 could only be written, when the SPI module is in configuration mode.
Note 2: SPOL and SPHA bits determine the idle phase of SPICLK and the valid clock edge for sampling
data. Refer to “17.3.4 Transfer Format”.
Figure 17.4.2 SPI Control Register 0 (SPCR0) (2/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com