Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 525 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 525 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 521Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 522Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 523Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 524Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 525Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 526Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 527Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 528Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 529Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 525 / 590 page
background image
Chapter 17 Serial Peripheral Interface
17-9
17.4.1
SPI Master Control Register (SPMCR)
0xF800
31
16
Reserved
: Type
: Initial value
15
876
5
3
210
Reserved
OPMODE
Reserved
Reserved
SPSTP
BCLR
R/W
R/W
R/W
R/C
: Type
01
0
0
0
: Initial value
Bits
Mnemonic
Field Name
Explanation
31 : 8
Reserved
7:6
OPMODE
Operation Mode
Operation Mode (Initial value: 01, R/W)
Set operation mode
00: Don’t care. Writing this value to the OPMODE bits doesn’t change any thing.
01: Configuration mode
10: Active mode (normal operation mode)
11: Reserved
5:3
Reserved
2

This bit is reserved. Don’t write “1” to this bit (Initial value: 0, R/W).
1
SPSTP
SPI Stop
SPI Stop (Initial value: 0, R/W)
If this flag is asserted, the module will stop the transferring after the current frame
has been completed. This bit could be set only when the SPI is in active mode.
Setting the SPI in configuration mode will clear this bit.
0: Normal operation
1: Stop after completion of the current transfer
0
BCLR
SPI Buffer Clear
SPI Buffer Clear (Initial value: 0, R/C)
This flag is used to clear the receive and transmit FIFO. The FIFO logic can be
reset by writing a “1” value to this bit. Please wait until the SPI module is idle
(SIDLE = 1) before activating the BCLR bit.
This register will always be read as “0”.
Write:
0: Don’t care
1: FIFO clear
Figure 17.4.1 SPI Master Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com