Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 521 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 521 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 517Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 518Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 519Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 520Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 521Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 522Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 523Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 524Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 525Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 590 page
background image
Chapter 17 Serial Peripheral Interface
17-5
17.3.4
Transfer Format
During a SPI transfer, data is simultaneously transmitted (shifted out serially) and received serially
(shifted in serially). The serial clock synchronizes shifting and sampling of the information on the two
serial data lines.
The transfer format depends on the setting of the SPHA and SPOL bits in the SPI Control Register 0
(SPCR0). SPHA switches between two fundamentally different protocols, which are described below.
17.3.4.1 SPHA Equals 0 Format
Figure 17.3.1 shows the transfer format for a SPHA=0 transfer.
Figure 17.3.1 Transfer format when SPHA is “0”.
In this transfer format, the bit value is captured on the first clock edge. This will be on a rising
edge when SPOL bit equals zero and on a falling edge when SPOL equals one. The value on the
SPIIN and SPIOUT signals changes with the second clock edge on SPICLK. This clock edge will
be a falling edge when SPOL equals zero and a rising edge, when SPOL equals one. With SPOL
equal to zero, the shift clock will be idle low. With SPOL equals 1 it will idle high.
SPICLK
(SPOL=0)
SPICLK
(SPOL=1)
SPIOUT
MSB
B6B5
B4B3B2
B1
LSB
MSB
B6B5
B4B3B2
B1
LSB
Sample Point
1
2
3
4
5
6
7
8
SPIIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com