Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 522 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 522 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 518Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 519Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 520Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 521Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 522Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 523Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 524Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 525Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 526Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 590 page
background image
Chapter 17 Serial Peripheral Interface
17-6
17.3.4.2 SPHA Equals 1 Format
Figure 17.3.2 shows the transfer format for a SPHA=1 transfer.
SPICLK
(SPOL=0)
SPICLK
(SPOL=1)
SPIIN
SPIOUT
MSB
B6
B5
B4
B3
B2
B1
LSB
MSB
B6
B5
B4
B3
B2
B1
LSB
Sample Point
1
2
3
4
5
6
7
8
Figure 17.3.2 Transfer format when SPHA is “1”.
In this transfer format, the value on the SPIIN and SPIOUT signals changes with the second
clock edge on SPICLK. This clock edge will be a rising edge when SPOL equals zero and a
falling edge, when SPOL equals one. The bit value is shifted in on the second clock edge. This
will be on a falling edge when SPOL bit equals zero and on a rising edge when SPOL equals one.
With SPOL equal to zero, the shift clock will be idle low. With SPOL equals 1 it will idle high.
17.3.5
Inter Frame Space Counter
Sometimes it is desirable to guarantee a minimum time between groups of data. The Inter Frame
Space Counter is used to provide delay between groups of data. If 16-bit data size is selected in the SPI
Control Register 1 (SPCR1), delay will be inserted after 16 bits of data are shifted. If 8-bit data size is
selected, delay will be inserted after 8 bits of data are shifted, as shown in Figure 17.4.3. Inter Frame
delay is added by setting the IFS[7:0] bits to a value other than 0. The number stored in these bits will
directly correspond to the number of the four times of SPI Master clock of delay that will be inserted
between frames. A zero value for these bits will imply seamless operation and the SPI will shift data
and provide clocks continuously as long as the software keeps up with the transmitter rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com