Electronic Components Datasheet Search
  English  ▼

X  

TMPR4925 Datasheet(PDF) 520 Page - Toshiba Semiconductor

Part # TMPR4925
Description  64-Bit TX System RISC TX49 Family
PDF  590 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR4925 Datasheet(HTML) 520 Page - Toshiba Semiconductor

Back Button TMPR4925 Datasheet HTML 516Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 517Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 518Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 519Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 520Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 521Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 522Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 523Page - Toshiba Semiconductor TMPR4925 Datasheet HTML 524Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 590 page
background image
Chapter 17 Serial Peripheral Interface
17-4
At the end of every series of transmission the software is supposed to negate the chip select signal for
the target device by the following procedure.
(1) Check if SRRDY or RBSI is a logic “1”. If not, do nothing.
(2) Check if SIDLE is a logic “1”. If not, do nothing.
(3) Negate the chip select signal.
The SPI supports either 8-bit per character or 16-bit per character operation, as defined by the SSZ
bits in the SPI Control Register 1 (SPCR1). The software can also select whether the MSB or LSB
should shift first using the SBOS bit in the SPI Control Register 0 (SPCR0). Another set of SPHA and
SPOL bits bit in the SPI Control Register 0 (SPCR0) select the transfer format. Please see to “17.3.4
Transfer Format”.
17.3.3
Baud Rate Generator
The rate of the SPICLK signal is determined by the value of the SER[7:0] bits in the SPI Control
Register 1 (SPCR1). The SER[7:0] bits are used by the Baud Rate Generator to devide the SPI master
clock generated by the Clock Generator (CG). The frequency of the SPI master clock is 40 MHz when
MASTERCLK input is 80 MHz. The SPICLK rate is shown in the table below in this time.
Table 17.3.1 SPICLK Rate when MASTERCLK is 80 MHz
SER[7:0]
SPI Clock Rate
00000001b
10 MHz
00000010b
6.667 MHz
00000011b
5 MHz
00000100b
4 MHz
00000101b
3.33 MHz
…
00001001b
2 MHz
…
00010011b
1 MHz
…
11111111b
78.125 KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com